PART |
Description |
Maker |
HIP4080A04 HIP4080AIBZ HIP4080AIPZ HIP4080AIP HIP4 |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDIP20 80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 80V/2.5A Peak, High Frequency Full Bridge FET Driver with Charge Pump and Input Comparators; Temperature Range: -40°C to 85°C; Package: 20-SOIC T&R 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 Driver, Full Bridge FET, Complementry N-Channel Outputs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MP4412 |
Power MOS FET Module Silicon N Channel MOS Type (L2-pi-MOSV 4 in 1) High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
|
TOSHIBA
|
HIP4081A HIP4081AIB HIP4081AIP |
30000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 80V/2.5A峰值,高频全桥FET驱动 80V/2.5A Peak/ High Frequency Full Bridge FET Driver 80V/2.5A Peak, High Frequency Full Bridge FET Driver
|
HARRIS SEMICONDUCTOR Intersil, Corp. INTERSIL[Intersil Corporation]
|
AL8807Q AL8807QMP-13 |
HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
|
Diodes Incorporated
|
FAN7085M FAN7085MX FAN70851 |
HALF BRDG BASED MOSFET DRIVER, PDSO8 High Side Gate Driver with Recharge FET
|
FAIRCHILD SEMICONDUCTOR CORP
|
AUIR2085S |
Automotive Grade High Speed 100V Self Oscillating 50% Duty Cycle Half Bridge Driver
|
International Rectifier
|
FDMF8704 |
High Current / High Frequency FET plus Driver Multi-chip Module
|
Fairchild Semiconductor
|
TLP558 |
Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter 隔离总线驱动高速线接收微处理器系统接口场效应晶体管栅极驱动晶体管逆变 Photocoupler GaAlAs Ired & Photo .IC
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
PIC16LF627A-I/ML PIC16LF627A-I/P PIC16F627A-I/SOG |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upwards comp
|
Microchip
|
PIC16F818 PIC16F819 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upwards comp This powerful (200 nanosecond instruction execution) yet easy–to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upward
|
Microchip
|
PIC12F629-I/MF PIC12F629-I/P PIC12F675T-E/MF PIC12 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC® MCU architecture into an 8-pin package and featur 8-Pin/ 8-Bit CMOS Microcontroller with EEPROM Data Memory
|
Microchip
|
125293U020AJ1B 125114U005AJ1B 125114U6R3AC1B 12523 |
The Pace-Setter for Long Life and High Temperature Type 125 -55 篓卢C to 125 篓卢C, Ultra-High Temperature, Military Grade Type 125 -55 潞C to 125 潞C, Ultra-High Temperature, Military Grade Type 125 -55 oC to 125 oC, Ultra-High Temperature, Military Grade Type 125 -55 ìC to 125 ìC, Ultra-High Temperature, Military Grade
|
Cornell Dubilier Electr... List of Unclassifed Man... ETC List of Unclassifed Manufacturers http:// Cornell Dubilier Electronics
|