PART |
Description |
Maker |
LTC3407-3 LTC3407EDD-3 |
Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
EUP3402 |
Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
|
Eutech Microelectronics Inc
|
LTC3407AEDD-2 LTC3407AEDD-2-PBF LTC3407AIDD-2-PBF |
Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
ISL808810 |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
ISL78228ARZ-T |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
EUP3291 |
2.25MHz Synchronous Step-Down DC/DC Regulator
|
Eutech Microelectronics
|
BD90535EFJ-CE2 |
2.69 to 5.5V, 1.5V Output, 2.25MHz Synchronous Step-Down Converter
|
Rohm
|
LTC3410ESC6-1.2 LTC3410ESC6-1.5 LTC3410ESC6-1.65 L |
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
|
Linear Technology
|
LTC3410BESC6-1.875TRMPBF |
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
|
Linear Technology
|
LTC3560 LTC3560E LTC3560ES6 LTC3560ES6LTCFY LTC356 |
2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
|
Linear Technology
|
SC4620810 SC4620812 SC4620815 SC4620818 SC4620825 |
1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
|
Silan Microelectronics Joint-stock
|
LTC3406B-2 |
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
Linear Technology
|
26
|