PART |
Description |
Maker |
MSM60802 |
PCMCIA Host Interface Controller
|
OKI[OKI electronic componets]
|
MSM60802 |
PCMCIA Host Interface Controller
|
OKI electronic components
|
CL-PD6833-VC-A |
PCI-to-CardBus Host Adapter PCMCIA BUS CONTROLLER, PQFP208
|
Cirrus Logic, Inc.
|
PIC16C54B-04I/SS PIC16C54B-04/P PIC16C54B-04/SO PI |
ROM-Based 8-Bit CMOS Microcontroller Series 基于ROM位CMOS微控制器系列 SH-Ether Series, 7618 Group, Ether-DMAC, Host I/F, UBC, 2-ch 16-bit CMT, SDRAM, PCMCIA, Ethernet Ctrl, 4KB unified 4 way set associative cache BP-176V; Vcc= 1.4 to 1.6 volts, Temp= -40 to 85 C; Package: PLBG0176GA-A SH-Ether Series, 7618A Group, Ether-DMAC, Host I/F, UBC, 2-ch 16-bit CMT, SDRAM, PCMCIA, Ethernet Ctrl, 16KB unified 4 way set associative cache BP-176V; Vcc= 1.4 to 1.6 volts, Temp= -20 to 75 C; Package: PLBG0176GA-A SH-Ether Series, 7618 Group, Ether-DMAC, Host I/F, UBC, 2-ch 16-bit CMT, SDRAM, PCMCIA, Ethernet Ctrl, 4KB unified 4 way set associative cache BP-176V; Vcc= 1.4 to 1.6 volts, Temp= -20 to 75 C; Package: PLBG0176GA-A 3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
CY7C67300-100AXI CY7C67300-100AXIT |
EZ-Host(TM) Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
|
Cypress
|
PL-2501 |
Hi-Speed USB Host to Host Bridge Controller
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
CY7C67300-100AXA CY7C67300-100AXAT CY7C67300-100AX |
EZ-Host Programmable Embedded USB Host and Peripheral Controller EZ-HostProgrammable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support UNIVERSAL SERIAL BUS CONTROLLER, PQFP100
|
http:// Cypress Semiconductor, Corp.
|
THNCF064MM |
CompactFlashTM
|
TOSHIBA
|
FT311D FT311D-32L1C FT311D-32L1C-R FT311D-32L1C-X |
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.null USB Android Host IC
|
Future Technology Devic...
|
SST55LC100 SST55LC100-45-C-BWE SST55LC100-45-C-TQW |
CompactFlash Card Controller
|
Silicon Storage Technology, Inc
|
FIC001GSC1T FIC002GSC1T FIC004GSC1T FIC008GSC1T FI |
CompactFlash specification standard
|
Axiomtek Co., Ltd.
|
TS16GCF400 TS32GCF400 TS64GCF400 |
400X CompactFlash Card
|
Transcend Information. Inc.
|