PART |
Description |
Maker |
CPT0908 |
External Drive Piezo Transducer
|
Canopus Electronics
|
CPT3914 CPT3914G13TP CPT4414 CPT4414I10BW CPT4216 |
External Drive Piezo Transducer (AC)
|
Canopus Electronics (H.K.) Ltd.
|
CPT5002C200BW CPT4514 CPT4514I32L CPT4416 CPT4416C |
External Drive Piezo Transducer (AC)
|
Canopus Electronics (H.K.) Ltd.
|
CPT1306E CPT1306E40TP CPT1404E CPT1404E48BW CPT140 |
External Drive Piezo Transducer (AC)
|
Canopus Electronics (H.K.) Ltd.
|
AN2784 |
Using the high-density STM32F10xxx FSMC peripheral to drive external memories
|
STMicroelectronics
|
STA513A |
N-channel General purpose/3-phase motor drive External dimensions
|
ETC
|
LPR30D-TR |
LOW DROP VOLTAGE REGULATOR DRIVE FOR EXTERNAL N-CHANNEL POWER MOSFET
|
ST Microelectronics
|
U339002 |
USB 3.0 SuperSpeed to Dual SATA External Hard Drive Docking Station with Cloning for 2.5in-3.5in HDD
|
Tripp Lite. All Rights ...
|
112RKI40 112RKI40S90 111RKI40S90 112RKI80S90 110RK |
Potting Box Enclosure; Enclosure Material:Plastic; External Height:1"; External Width:4"; External Depth:1.75"; Enclosure Color:Black RoHS Compliant: Yes 相位控制晶闸管螺柱版 PHASE CONTROL THYRISTORS Stud Version
|
International Rectifier, Corp. IRF[International Rectifier]
|
1SV225 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
STK672-040 |
Stepping Motor Driver (Sine Wave Drive) Output Current: 1.5 A (No Heat Sink*) Unipolar constant-current chopper (external excitation PWM) circuit with built-in microstepping controller
|
SANYO
|