PART |
Description |
Maker |
M37905M6C-XXXSP M37905M8C-XXXSP M37905M6C-XXXFP |
DIO, BAT54C, DUAL SHOTTKEY, COMMON CATHODE, SOT23 DIODE SCHOTTKY DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-23 3K/REEL DIODE SCHOTTKY DUAL-DUAL SERIES 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL
|
Mitsubishi Electric Corporation
|
BAT54STA |
DIODE SCHOTTKY DUAL SOT-23 0.2 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Zetex Semiconductor PLC
|
376 |
DIODE SCHOTTKY DUAL-DUAL SERIES 30V 200mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-363 3K/REEL
|
Intel Corp.
|
Q62901-B13-C Q62901-B16-A Q62704-Y12 Q62704-Y12-B |
NPN Silicon Planar Trnasistors NPN硅平Trnasistors NPN Silicon Planar Trnasistors NPN硅平面Trnasistors DIODE SCHOTTKY DUAL COMMON-CATHODE 50V 200mW 0.41V-vf 70mA-IFM 1mA-IF 0.1uA-IR SOT-323 3K/REEL NPN硅平面Trnasistors DIODE SCHOTTKY DUAL COMMON-ANODE 50V 200mW 0.41V-vf 70mA-IFM 1mA-IF 0.1uA-IR SOT-323 3K/REEL NPN硅平面Trnasistors DIODE SCHOTTKY SINGLE 50V 200mW 0.41V-vf 70mA-IFM 1mA-IF 0.1uA-IR SOT-323 3K/REEL NPN硅平面Trnasistors OSC PROG BLANK 3.3V LVDS SMD
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] http://
|
BAS40-04-GS18 BAS40-04-V-G-18 BAS40-00-V-G-18 |
Diode Small Signal Schottky 40V 0.2A 3-Pin SOT-23 T/R SCHOTTKY DIODE SOT23-E3-G
|
Vishay Semiconductors
|
BAT54W |
30V 0.2A Schottky Discrete Diode in a SOT-323 package SCHOTTKY DIODE 0.5 Amp
|
International Rectifier
|
BAS40-T1 BAS40 Q62702A1176 BAS40-04Q62702-D980 |
DIODE SCHOTTKY SOT-23 HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection) 伊雷尔硅肖特基二极管(伊雷尔和微波半导体分立一般用于高速开关电路保护的目的,二极管
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Analog Devices, Inc.
|
BAS40C |
SOT-23 SCHOTTKY DIODE
|
RECTRON[Rectron Semiconductor]
|
M1MA142WKT1 M1MA141WK M1MA141WKT1 ON0326 M1MA141WK |
From old datasheet system SC-70/SOT-323 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT COMMON CATHODE DUAL SWITCHING DIODE 0.1 A, 80 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc
|
CMPSH-3C |
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
|
Rectron Semiconductor
|
CMFSH-3I |
SMD Schottky Diode Dual: High Current: Same Polarity DUAL, ISOLATED SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
PIC16F636E/MF PIC16F636E/MFQTP PIC16F636E/P PIC16F |
Triple 4-3-3-Input NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 DIODE ZENER SINGLE 200mW 6.8Vz 20mA-Izt 0.05 3uA-Ir 5 SOT-323 3K/REEL DIODE ZENER SINGLE 150mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOT-523 3K/REEL DIODE ZENER DUAL ISOLATED 200mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOT-363 3K/REEL DIODE ZENER SINGLE 350mW 3Vz 20mA-Izt 0.05 50uA-Ir 1 SOT-23 3K/REEL DIODE ZENER SINGLE 150mW 3Vz 20mA-Izt 0.05 50uA-Ir 1 SOT-523 3K/REEL DIODE ZENER SINGLE 350mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOT-23 3K/REEL RECTIFIER STANDARD SINGLE 1.5A 600V 600 50A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 Buck Pulse Width Modulator Stepdown Voltage Regulator 16-SOIC 0 to 70 RECTIFIER STANDARD SINGLE 1.5A 800V 800 50A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 DIODE ZENER DUAL ISOLATED 200mW 7.5Vz 20mA-Izt 0.05 3uA-Ir 6 SOT-363 3K/REEL DIODE ZENER SINGLE 200mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOT-323 3K/REEL DIODE ZENER SINGLE 350mW 7.5Vz 20mA-Izt 0.05 3uA-Ir 6 SOT-23 3K/REEL 8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技 DIODE ZENER TRIPLE ISOLATED 200mW 6.8Vz 20mA-Izt 0.05 3uA-Ir 5 SOT-363 3K/REEL 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技 DIODE ZENER DUAL ISOLATED 200mW 6.8Vz 20mA-Izt 0.05 3uA-Ir 5 SOT-363 3K/REEL 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技 DIODE ZENER SINGLE 200mW 6.2Vz 20mA-Izt 0.05 5uA-Ir 4 SOT-323 3K/REEL 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技 8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY 8/14-PIN基于闪存8位CMOS微控制器采用纳瓦技 Buck Pulse Width Modulator Stepdown Voltage Regulator 16-PDIP 0 to 70 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技
|
Microchip Technology Inc. Microchip Technology, Inc.
|