PART |
Description |
Maker |
AQY221N3V AQY221N3VW AQY221N3VY |
PhotoMOS RELAYS
|
NAIS[Matsushita Electric Works(Nais)]
|
AQV227N AQV224N AQV225N |
(AQV224N - AQV227N) PhotoMOS Relays
|
Aromat
|
AQV217 AQV217A AQV216 AQV216A AQV215 AQV215A AQV21 |
(AQV210x - AQV217x) PhotoMOS Relays
|
Aromat
|
AQZ102D AQZ202D AQZ205D AQZ204D AQZ207D AQZ107D AQ |
Power photoMOS relay (voltage sensitive type). AC/DC type. Output rating: load voltage 200 V, load current 0.9 A. Power photoMOS relay (voltage sensitive type). AC/DC type. Output rating: load voltage 400 V, load current 0.45 A. Power photoMOS relay (voltage sensitive type). AC/DC type. Output rating: load voltage 60 V, load current 2.7 A. Power photoMOS relay (voltage sensitive type). DC type. Output rating: load voltage 200 V, load current 1.1 A. Power photoMOS relay (voltage sensitive type). DC type. Output rating: load voltage 100 V, load current 2.3 A. Power photoMOS relay (voltage sensitive type). DC type. Output rating: load voltage 400 V, load current 0.6 A. Power photoMOS relay (voltage sensitive type). DC type. Output rating: load voltage 60 V, load current 3.6 A. POWER PhotoMOS RELAYS (Voltage Sensitive Type)
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQV112KL AQY2 AQV1 |
Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No ER 20C 20#16 SKT RECP ER 6C 3#16 3#8 SKT RECP WALL PhotoMOS RELAYS
|
ETC NAIS[Nais(Matsushita Electric Works)]
|
4-1393302-1 4-1393303-0 4-1393303-4 4-1393303-5 0- |
Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
|
Tyco Electronics
|
PT11 P2CF-08 P2CF-11 PT14-0 11PFA PLE08-0 PLE11-0 |
General-purpose Relays and Power Relays Sockets
|
Omron Electronics LLC
|
1393224-7 1393224-9 9-1393224-0 6-1393224-0 8-1393 |
General Purpose Relays PCB Relays
|
Tyco Electronics
|
4-1415520-1 3-1415521-1 1415511-1 5-1415520-1 8-14 |
General Purpose Relays PCB Relays
|
Tyco Electronics
|
4-1393305-7 4-1393305-5 0-1432219-1 0-1393303-9 13 |
Plug-in relays Mini ISO relays
|
Tyco Electronics
|
AQZ102 AQZ104 AQZ105 AQZ202 AQZ204 AQZ205 AQZ207 |
Power photoMOS relay, 1-channel (form A). DC type. Output rating: load voltage 60 V, load current 4.0 A. Power photoMOS relay, 1-channel (form A). DC type. Output rating: load voltage 400 V, load current 0.7 A. Power photoMOS relay, 1-channel (form A). DC type. Output rating: load voltage 100 V, load current 2.6 A. Power photoMOS relay, 1-channel (form A). Output rating: load voltage 60 V, load current 3.0 A. Power photoMOS relay, 1-channel (form A). AC/DC type. Output rating: load voltage 400 V, load current 0.5 A. Power photoMOS relay, 1-channel (form A). AC/DC type. Output rating: load voltage 100 V, load current 2.0 A. Power photoMOS relay, 1-channel (form A). AC/DC type. Output rating: load voltage 200 V, load current 1.0 A.
|
Matsushita Electric Works(Nais)
|