PART |
Description |
Maker |
2SA1011 2SA1011D |
TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 1.5A I(C) | TO-220AB POWER TRANSISTORS(1.5A/160V/25W) POWER TRANSISTORS(1.5A,160V,25W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
2SC3117 2SA1249 2SC3117T 2SC3117S |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 160V五(巴西)总裁| 1.5AI(丙)|26 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 1.5A I(C) | TO-126 160V/1.5A Switching Applications
|
Sanyo Semicon Device
|
2SB1275 2SB1275-13 |
PNP -1.5A -160V Middle Power Transistor
|
Rohm
|
2SA1418 2SC3648 2SC3648T 2SA1418T 2SC3648S |
High-Voltage Switching/ Predriver Applications High-Voltage Switching Predriver Applications High-Voltage Switching, Predriver Applications TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 700MA I(C) | SOT-89 TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 700MA I(C) | SOT-89 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 160V五(巴西)总裁| 700mA的一(c)|采用SOT - 89
|
SANYO[Sanyo Semicon Device]
|
ECG12 ECG25 ECG18 ECG19 ECG14 ECG31 ECG32 ECG26 EC |
TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 5A I(C) | TO-92 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1.2A I(C) | TO-237 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 700MA I(C) | SIP TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 700MA I(C) | SIP TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 1A I(C) | TO-92VAR TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 1A I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 50MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 2.5A I(C) | SIP
|
|
EN1334 |
Bipolar Transistor, 160V, 0.7A, Low VCE(sat) NPN Single NP
|
ON Semiconductor
|
2SD1868B 2SD1869 |
Silicon NPN Transistor TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 100MA I(C) | TO-226VAR 晶体管|晶体管|叩| 160V五(巴西)总裁| 100mA的一(c)|26VAR
|
Hitachi Semiconductor TE Connectivity, Ltd.
|
2SC2983Y 2SC2983O |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 1.5A I(C) | TO-251AA 晶体管|晶体管|叩| 160V五(巴西)总裁| 1.5AI(丙)|51AA
|
3M Company
|
LB32N16 |
Smartpack N-Channel Power MOSFET Module For Aduio Application(Vdsx:160V,Vgss:14V,Id:32A)(智能封装N沟道功率MOSFET模块,音频应用(Vdsx:160V,Vgss:14V,Id:32A)) Smartpack N沟道功率MOSFET模块Aduio应用(Vdsx60V,Vgss14V的,身份证:32A条)(智能封沟道功率MOSFET的模块,音频应用(Vdsx60V,Vgss14V的,身份证:2A))
|
SMSC, Corp.
|
EN2007C EN2007 |
Bipolar Transistor, (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single PCP High-Voltage Switching Applications
|
ON Semiconductor Sanyo Semicon Device
|
EN3578A 2SA177012 2SA1770T-AN EN3578 |
Bipolar Transistor, (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single NMP High-Voltage Switching Applications
|
ON Semiconductor Sanyo Semicon Device
|
CIL2383Y |
TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 1A I(C) | TO-237AA 晶体管|晶体管|叩| 160V五(巴西)总裁| 1A条一(c)|37AA
|
Atmel, Corp.
|