PART |
Description |
Maker |
2N3378 2N2606 2N3575 2N2497 2N2499 2N2498 2N3380 2 |
TRANSISTOR | JFET | P-CHANNEL | 6MA I(DSS) | TO-72 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | JFET | P-CHANNEL | 25V V(BR)DSS | 1MA I(DSS) | TO-72 TRANSISTOR | JFET | P-CHANNEL | TO-5 TRANSISTOR | JFET | P-CHANNEL | 20MA I(DSS) | TO-72 TRANSISTOR | JFET | P-CHANNEL | 50MA I(DSS) | TO-72 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 3 A, very low drop voltage regulators 晶体管|场效应| P通道| 15mA的我(直
|
Rochester Electronics, LLC
|
SST4117 SST4118 SST4119 2N4117A 2N4118A 2N4118 2N4 |
MOSFET; Transistor Polarity:Dual P Channel; Drain Source Voltage, Vds:-12V; Continuous Drain Current, Id:-6.4A; On-Resistance, Rds(on):35mohm; Rds (SST4117 - SST4119) N-Channel JFET General Purpose Amplifier N-Channel JFET General Purpose Amplifier N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-72
|
CALOGIC[Calogic, LLC] Calogic LLC Calogic LLC
|
SST440 SST440-1 SST441 |
N-Channel JFET Monolithic Dual 2 CHANNEL, UHF BAND, Si, N-CHANNEL, RF SMALL SIGNAL, JFET
|
CALOGIC[Calogic, LLC]
|
2N4340 2N4341 2N4338 2N4338-41 X2N4338-41 2N4339 X |
N-Channel JFET Low Noise Amplifier N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-18
|
CALOGIC[Calogic LLC] CALOGIC[Calogic, LLC]
|
2N5018 2N5019 2N5018-TO-18 |
P-CHANNEL, Si, SMALL SIGNAL, JFET, TO-18 TO-18, 3 PIN SINGLE P-CHANNEL JFET SWITCH P-Channel, Single, JFET Switch
|
Linear Integrated System, Inc LINEAR[Linear Integrated Systems] Linear Systems
|
TMPFBC264A TMPFBC264B TMPFBC264C TMPFBC264D TMPFBF |
TRANSISTOR | JFET | N-CHANNEL | 4.5MA I(DSS) | TO-236 TRANSISTOR | JFET | N-CHANNEL | 6.5MA I(DSS) | TO-236 TRANSISTOR | JFET | N-CHANNEL | 8MA I(DSS) | TO-236 TRANSISTOR | JFET | N-CHANNEL | 12MA I(DSS) | TO-236 TRANSISTOR | JFET | N-CHANNEL | 140MA I(DSS) | TO-236 TRANSISTOR | JFET | N-CHANNEL | 13MA I(DSS) | TO-236
|
|
MMBF4416LT1 MMBF4416L MMBF4416LT1-D |
JFET VHF/UHF Amplifier Transistor N-Channel Small Signal JFET
|
ON Semiconductor
|
MMBF5460L MMBF5460LT1 MMBF5460LT1-D |
Small Signal JFET JFET - General Purpose Transistor P-Channel
|
ON Semiconductor
|
SST3958NL U3958NL |
Monolithic N-Channel JFET Dual Monolithic N-Channel JFET Duals
|
Vishay
|
SST4117 PN4117A 2N4117A 2N4118A PN4119A PN4118A 2N |
N-Channel JFET(最小栅源击穿电40V,最小饱和漏极电00μA的N沟道结型场效应管) N沟道场效应(最小栅源击穿电 40V的,最小饱和漏极电流为200μA的N沟道结型场效应管 N-Channel JFET(最小栅源击穿电40V,最小饱和漏极电0μA的N沟道结型场效应管) N沟道场效应(最小栅源击穿电 40V的,最小饱和漏极电0μA的N沟道结型场效应管 From old datasheet system N-Channel JFETs
|
Vishay Intertechnology, Inc. Calogic, LLC
|
MUX-28BTC/883 MUX-16BTC/883 MUX-16 MUX-28 MUX16BTC |
16-Channel Dual 8-Channel JFET Analong Multiplexers 16-Channel/Dual 8-Channel JFET Analog Multiplexers(Overvoltage Protected) 16-Channel/Dual 8-Channel JFET Analog Multiplexers(Overvoltage Protected)
|
Analog Devices
|