PART |
Description |
Maker |
MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EE |
1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator 1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA Fixed-Point Digital Signal Processor 532-FCBGA 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler 1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1µA5Mbps通道电平转换 1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3453E MAX3453EETE MAX3453EEUD MAX3454EETE MAX34 |
Single Full-Duplex LVDS Transceiver 14-TSSOP -40 to 85 LINE TRANSCEIVER, QCC16 ±15kV ESD-Protected USB Transceivers 【15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ICL3217ECA ICL3207ECA ICL3207ECA-T ICL3207ECAZ ICL |
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /-15KV ESD 保护,工作电~5.5V,低功耗,250KBPS,RS232收发 /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /- 15kV ESD防护, 3V5.5V, 低功 250kbps, RS-232收发 RS-232 Transceiver, 5T/3R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown
|
Intersil Corporation
|
MAX3190-BMAX3190E MAX3190EUT-T MAX3190 MAX3190E MA |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / 460kbps / RS-232 Transmitters in SOT23-6 【15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3238E MAX3238ECAI MAX3238EEAI MAX3248ECAI MAX32 |
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins 卤15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceivers(卤15kV ESD淇??锛?.0V??.5V,浣????250kbps, RS-232?跺????5???讹?) 3.0V to 5.5V / 10nA / 250kbps RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceivers(±15kV ESD保护.0V.5V,低功250kbps, RS-232收发器(5收)) 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 【15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
5962-9082006HXA 5962-9082007HXC 5962-9082006HXC 59 |
±15kV ESD-Protected, 5V RS-232 Transceivers Resolver/Synchro-to-Digital Converter ±15kV ESD-Protected, 5V RS-232 Transceivers 同步数字转换 ±15kV ESD-Protected, 5V RS-232 Transceivers 解析同步数字转换
|
TE Connectivity, Ltd.
|
ST207E ST207EB ST207EBD ST207EBDR ST207EBPR ST207E |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 【 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ISL4223EIRZ-T ISL4221 ISL4221E ISL4221EIR ISL4221E |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers DUAL LINE TRANSCEIVER, PQCC20 QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kbps, RS-232 Transmitters/Receivers(QFN 封装, /-15kV ESD 防护, 2.7V5.5V, 150毫微 250kbps, RS-232收发 RES, SM 1.3K OHM 1/10W 1%
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADM3075EWYRZ-RL7 ADM3078EYRZ-REEL7 ADM3078EARZ ADM |
3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 16 Mbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps) Full-Duplex, RS-485/RS-422 Transceivers 3.3 V, 15,-15 kV ESD-Protected LINE TRANSCEIVER, PDSO8 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 250 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 500 kbps, DE/RE)
|
ANALOG DEVICES INC
|
MAX3061E MAX3060E MAX3062E MAX3060EEKA-T MAX3062EE |
±.15kV ESD-Protected.Fail-Safe.20Mbps.锛?r锛?lew-Rate-Limited RS-485/RS-422 Transceivers in a SOT 15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT LINE TRANSCEIVER, PDSO8 ±.15kV ESD-Protected.Fail-Safe.20Mbps.<br>Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT "?5kV ESD Protected, 20Mbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 115kbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 500kbps, Fail-Safe RS-485/RS- 422 Transceivers" ±15kV ESD-Protected, Fail-Safe, 20Mbps,
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|