PART |
Description |
Maker |
LTC6946-X LTC6945 LTC2160 LTC5569 LTC2180 LTC2188 |
16-Bit, 20Msps Low Noise Dual ADC
|
Linear Technology
|
LTC2269 |
16-Bit, 20Msps Low Noise ADC
|
Linear Technology
|
LTC2271 LTC2271-15 |
16-Bit, 20Msps Serial Low Noise Dual ADC
|
Linear Technology
|
MAX1185ECM_V MAX1185ECM MAX1185ECM/V |
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
|
Maxim Integrated Products
|
ADSD-1420S |
Dual 14-Bit, 20MSPS Sampling A/D Converter
|
http://
|
TSA1204IF TSA1204IFT |
DUAL CHANNEL, 12-BIT, 20MSPS, 120MW, A/D CONVERTER
|
ST Microelectronics
|
ADSD-1420S ADSD-1420S-EX ATS673LSETN-LT-T ADSD1420 |
Dual 14-Bit, 20MSPS Sampling A/D Converter Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
|
Delta Electronics, Inc. ALLEGRO
|
LTC2288IUPPBF LTC2286IUPTRPBF LTC2286IUPPBF LTC228 |
Dual 10-Bit, 65Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 40Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
AD8512ARMZ AD8510ARMZ-REEL AD8510BR AD8510ARZ AD85 |
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier (Dual); No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 1800 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDSO8 Precision, Very Low Noise, Low Input Bias Current
|
Analog Devices, Inc.
|
LTC2280 LTC2280CUP LTC2280IUP LTC2280UP LTC2280CUP |
Dual 10-Bit, 105Msps Low Noise 3V ADC; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 105Msps Low Noise 3V ADC; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
|