PART |
Description |
Maker |
IRFI9Z34N IRFI840G IRFI9Z34NPBF |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET (-55V, 0.1ohm, -14A)
|
IRF[International Rectifier]
|
IRFR9024N IRFU9024N IRFRU9024N IRFR9024NTR IRFR902 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A) HEXFET? Power MOSFET Power MOSFET(Vdss=-55V Rds(on)=0.175ohm Id=-11A) P Channel Surface Mount HEXFET Power MOSFET(P沟道表贴型HEXFET功率MOS场效应管) P通道表面贴装HEXFET功率MOSFET的性(P沟道表贴型的HEXFET功率马鞍山场效应管)
|
http:// IRF[International Rectifier] International Rectifier, Corp.
|
IRFL014N |
55V,1.9A, N-Channel HEXFET Power MOSFET(55V,1.9A,N沟道 HEXFET 功率MOS场效应管) 55V的,1.9AN沟道HEXFET功率MOSFET5V的,1.9A沟道的HEXFET功率马鞍山场效应管) Power MOSFET(Vdss=55V, Rds(on)=0.16ohm, Id=1.9A) Power MOSFET(Vdss=55V Rds(on)=0.16ohm Id=1.9A)
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRLU9343-701 IRLR9343 IRLU9343 |
-55V Single P-Channel HEXFET Power MOSFET in a D-Pak package -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package DIGITAL AUDIO MOSFET DIODE MED-FAST BAS116 80VR 250MA 1.25VF@150MA 1.5US TO-236AB -55 150C 数字音频MOSFET
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF1405Z IRF1405ZL IRF1405ZS |
AUTOMOTIVE MOSFET 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRFL024 IRFL024N IRFL024NTRPBF IRFL024NTR |
Surface Mount Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V Rds(on)=0.075ohm Id=2.8A) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) Advanced Process Technology
|
IRF[International Rectifier]
|
IRFU4105Z IRFR4105Z |
55V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vds=55V, Rds(on)=24.5mohm, Id=30A) 功率MOSFET(讥\u003d 55V的,的Rds(on)\u003d 24.5mohm,身份证\u003d 30A条) Power MOSFET(Vds=55V / Rds(on)=24.5mohm / Id=30A) 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRL2505L IRL2505S IRL2505STRL IRL2505STRR |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRF5305STRL IRF5305STRR IRF5305L |
-55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package -55V Single P-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|