PART |
Description |
Maker |
ADM2687E ADM2682E |
500 kbps, 5 kV rms Signal & Power Isolated RS-485 Transceiver with ±15 kV ESD Protection 16Mbps, 5 kV rms Signal & Power Isolated RS-485 Transceiver with ±15 kV ESD Protection
|
Analog Devices
|
ADM2682EBRIZ ADM2687EBRIZ ADM2682EBRIZ-RL7 ADM2687 |
5 kV rms Signal and Power Isolated
|
Analog Devices
|
ADM2687EBRIZ-RL7 ADM2682EBRIZ-RL7 |
5 kV rms Signal & Power Isolated RS-485 Transceiver with ±15 kV ESD Protection
|
Analog Devices
|
3B43 3B44-02 3B42 3B42-00 3B42-01 3B42-02 3B43-00 |
Isolated AC Sine Wave Input SPECIALTY ANALOG CIRCUIT, XMA Isolated AC Sine Wave Input; 0 to 550 V rms Signal Conditioning Module Isolated AC Sine Wave Input; 0 to 1 V rms Signal Conditioning Module Isolated AC Sine Wave Input; 0 to 50 V rms Signal Conditioning Module
|
AD[Analog Devices] Analog Devices, Inc.
|
604B 1002A 1502A 602BI 1502BI |
TRIAC|400V V(DRM)|6A I(T)RMS|TO-218VAR TRIAC|400V V(DRM)|15A I(T)RMS|TO-218VAR SOT23, Low-Power µP Supervisory Circuits with Battery Backup and Chip-Enable Gating TRIAC|400V V(DRM)|10A I(T)RMS|TO-218VAR 可控硅| 400V五(DRM)的| 10A条口(T)的有效值|18VAR
|
Rochester Electronics, LLC
|
ORNTA1002ZT0 ORNTA5000BT0 |
RES THNFLM NET 10K OHM 0.1% 2/5W 25PPM/ C ISOL 8DIP GW SMD - Tape and Reel RES THNFLM NET 500 OHM 0.1% 2/5W 25PPM/ C ISOL 8DIP GW SMD - Tape and Reel
|
Vishay Dale
|
45912-0034 0459120034 |
12.90mm (.508) Pitch EXTreme PowerEdge? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Signal, Power, Signal, Signal Sequence), Press-Fit
|
Molex Electronics Ltd.
|
2N4361 2N4361-2N4371 2N4362 2N4363 2N4365 2N4366 2 |
Phase Control SCR 70 Amoeres Average(110 RMS) 1400 Volts 相位控制晶闸0 Amoeres平均10 RMS)的1400伏特
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
IPT240 I3PT430 ISPT640 IPT130 |
TRIAC|200V V(DRM)|40A I(T)RMS|PRESS-19 TRIAC|400V V(DRM)|30A I(T)RMS|FBASE-R-HW30 可控硅| 400V五(DRM)的| 30A条口(T)的有效值| FBASE受体- HW30 TRIAC|600V V(DRM)|40A I(T)RMS|IST-3RT-1/4 可控硅| 600V的五(DRM)的| 40A条口(T)的有效值|北京时间- 3RT - 1 / 4 TRIAC|100V V(DRM)|30A I(T)RMS|PRESS-19
|
Electronic Theatre Controls, Inc.
|
AD536ASD/883B |
Integrated Circuit True RMS-to-DC Converter; Package: Bottom-Brazed CerDIP; No of Pins: 14; Temperature Range: Military RMS TO DC CONVERTER, 0.09 MHz, CDIP14
|
Analog Devices, Inc.
|
NCP1530DM25R2 NCP1530DM27R2 NCP1530DM30R2 NCP1530D |
Inductor; Inductor Type:Power; Inductance:10uH; Inductance Tolerance: /- 25 %; Series:CTX; Package/Case:PCB Surface Mount; Core Material:Amorphous Metal; Current, lt rms Parallel:3.64A; Current, lt rms Series:1.82A RoHS Compliant: Yes 600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
|
ONSEMI[ON Semiconductor]
|
PT110 PT006 PT210 PT225 PT125 PT215 PT610 PT106-66 |
30V Single N-Channel HEXFET Power MOSFET in a D2Pak package; A IRL8113S with Standard Packaging -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7205 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3305 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4321PBF with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF1405ZS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7473 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package; Similar to IRF540ZS with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF9Z24N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU8203 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ34NS with Standard Packaging TRIAC|600V V(DRM)|6A I(T)RMS|TO-66 TRIAC|50V V(DRM)|25A I(T)RMS|TO-208VAR1/2 TRIAC|100V V(DRM)|2.5A I(T)RMS|TO-5 TRIAC|200V V(DRM)|15A I(T)RMS|TO-208VAR1/2 such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; Similar to IRF6644 qualified for use such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; A IRF6644 with Standard Tape and Reel 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFS4610 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR7811W with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL520NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR120N with Lead Free Packaging TRIAC|50V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|100V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|600V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|50V V(DRM)|3A I(T)RMS|TO-208VAR1/2 TRIAC|50V V(DRM)|3A I(T)RMS|PRESS-13 TRIAC|100V V(DRM)|3A I(T)RMS|TO-208VAR1/2 AC Relay; Output Device:MOSFET; Output Voltage Max:60VAC; Load Current Max:1A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Switch Function:SPST-NO RoHS Compliant: Yes 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7490 with Lead Free Packaging 可控硅| 200伏五(DRM)的| 6A条口(T)的有效值|VAR Microelectronic Power IC HEXFET® Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V AC, 1.0A 可控硅| 400V五(DRM)的| 6A条口(T)的有效值|208VAR1 / 2 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4710 with Standard Packaging 100V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package
|
Microsemi, Corp. LG, Corp.
|