PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJ10016 ON1971 MJ10015 |
NPN SILICON POWER DARLINGTON TRANSISTORS 50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS From old datasheet system
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJE182 MJE171 MJE181 MJE172 ON2017 MOTOROLAINC-MJE |
POWER TRANSISTORS COMPLEMENTARY SILICON 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-225AA From old datasheet system COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJ10005 ON1967 |
NPN SILICON POWER DARLINGTON TRANSISTORS 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS From old datasheet system
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc
|
BC818-16 BC818-25 BC818-40 Q62702-C1740 Q62702-C15 |
NPN Silicon AF Transistors 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistors BC 817 From old datasheet system
|
Diotec Semiconductor AG SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|
2N4922 2N4921 2N4923 2N4921-D |
Medium-Power Plastic NPN Silicon Transistors 1 AMPERE GENERAL PURPOSE POWER TRANSISTORS 30 WATTS
|
ONSEMI[ON Semiconductor]
|
BUX48 BUX48A |
SWITCHMODE II Series NPN Silicon Power Transistors SITCHMODE II Series NPN Silicon Power Transistors
|
Motorola Inc MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
TIP105 TIP100 TIP106 TIP101 TIP102 TIP107 ON2977 |
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 8 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB From old datasheet system DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2SC2371 |
NPN Silicon Power Transistors 0.1 A, 300 V, NPN, Si, POWER TRANSISTOR, TO-126
|
Micro Commercial Components, Corp.
|
MJ10009 MJ10009_D ON1969 |
From old datasheet system 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|