PART |
Description |
Maker |
CS218I-30PBLEADFREE CS218I-30BLEADFREE CS218I-30DL |
30 A, 1200 V, SCR, TO-218 30 A, 200 V, SCR, TO-218 30 A, 400 V, SCR, TO-218 30 A, 600 V, SCR, TO-218 30 A, 1000 V, SCR, TO-218 35 A, 1200 V, SCR, TO-218 35 A, 1200 V, SCR, TO-48
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
CS218I-50PBLEADFREE CS218I-50DLEADFREE CS218I-50PL |
50 A, 1200 V, SCR, TO-218 50 A, 400 V, SCR, TO-218 50 A, 1000 V, SCR, TO-218 50 A, 800 V, SCR, TO-218 50 A, 200 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 400 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 1000 V, SCR, TO-218 63 A, 1200 V, SCR, TO-65 63 A, 600 V, SCR, TO-65 63 A, 200 V, SCR, TO-65 110 A, SCR, TO-83
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
BU808FI |
TRANSISTOR | BJT | DARLINGTON | NPN | 700V V(BR)CEO | 5A I(C) | TO-218 晶体管|晶体管|达林顿|叩| 700V的五(巴西)总裁| 5A条一(c)|218
|
EPCOS AG
|
CS218I-30D CS218I-30M CS218I-30P CS218I-30N CS218I |
CAT5E PATCH CABLES SNAGLESS,YELLOW 10 FT 30 A, 200 V, SCR, TO-218 ISOLATED TAB SCR 30 AMP 200 THRU 1200 VOLTS 30 A, 1200 V, SCR, TO-218 Connector assemblies, Network cables; 30 A, 400 V, SCR, TO-218 ISOLATED TAB SCR 30 AMP 200 THRU 1200 VOLTS 30 A, 1000 V, SCR, TO-218 LEVEL 7 PATCH CABLES SNAGLESS, CAT5E PATCH CABLES SNAGLESS,YELLOW 10 FT Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CQ218I-40N CQ218I-40B CQ218I-40D CQ218I-40M |
Connector assemblies, Network cables; 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 LEVEL 7 PATCH CABLES SNAGLESS, 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 Connector assemblies, Network cables; 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 40 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
Q5040W781 Q6040W781 |
500 V, 40 A, ALTERNISTOR TRIAC, TO-218 600 V, 40 A, ALTERNISTOR TRIAC, TO-218
|
|
0697-3150-02 RST500 RST80 RST800 RST125 RST100 RST |
TIME LAG RADIAL LEAD MICRO FUSE SERIES TYPE RST TIME LAG RADIAL LEAD MICRO FUSE SERIES
|
Bel Fuse Inc. CUI INC
|
STK15C68 STK15C68-P25 STK15C68-P25I STK15C68-P35 S |
8K x 8 AutoStore nvSRAM APC BACK-UPS ES 8 Outlet 550VA 120V Uninterruptible Power Supply (UPS); Series:BK; Output Voltage:120V; Output Power Max:210W; Run Time - Half Load:18min; Run Time - Full Load:5min; Applications:Personal Computers; Electrical Outlet Style:NEMA 5-15R RoHS Compliant: NA Uninterruptible Power Supply (UPS); Series:BK; Output Voltage:120V; Output Power Max:330W; Run Time - Half Load:14min; Run Time - Full Load:2min; Applications:Personal Computers; Electrical Outlet Style:NEMA 5-15R RoHS Compliant: NA
|
SIMTEK List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
ST7-EMU3 |
Full-featured, real time emulator series for ST7
|
意法半导
|
ST7-DVP3 |
Low Cost, Real Time Emulator Series for ST7
|
STMicroelectronics
|
5HTP800 5HT 5HT1 5HT1.25 5HT1.6 5HT10 5HT100 5HT16 |
Time-lag Fuse Series (High - Breaking Capacity)
|
BEL[Bel Fuse Inc.]
|
513201B02500 |
For use with TO-218 packages
|
AAVID[Aavid Thermalloy, LLC]
|
|