PART |
Description |
Maker |
FDS8858CZ |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 30V, 8.6A, 17.0mΩ P-Channel: -30V, -7.3A, 20.5mΩ Dual N & P-Channel PowerTrench㈢ MOSFET N-Channel: 30V, 8.6A, 17.0mヘ P-Channel: -30V, -7.3A, 20.5mヘ
|
Fairchild Semiconductor
|
PST593DM PST592C PST592CM PST591JM PST591H PST591H |
30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7901D1 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7752 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7301 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7303 with Lead Free Packaging 200V Dual N-Channel Digital Audio HEXFET Power MOSFET in a TO-220 Full-Pak(Iso) package.; A IRFI4020H-117P with Standard Packaging 电压检测器 Voltage Detector 电压检测器 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9956 with Standard Packaging 电压检测器 30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF9952 with Lead Free Packaging 电压检测器
|
NXP Semiconductors N.V. Intersil, Corp.
|
FDMS9620SNBSP FDMS9620S07 FDMS9620S |
30V Dual N-Channel PowerTrenchMOSFET 30V Dual N-Channel PowerTrench® MOSFET Dual N-Channel PowerTrench㈢ MOSFET Dual N-Channel PowerTrench庐 MOSFET Dual N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor
|
FDB6676S FDP6676S FDB6676SS62Z |
76 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB From old datasheet system 30V N-Channel PowerTrench SyncFET™ 30V N-Channel PowerTrench SyncFET⑩ 30V N-Channel PowerTrench SyncFET TM
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDML7610S |
30V Asymmetric Dual N-Channel MOSFET PowerTrenchPower Stage Dual N-Channel PowerTrench? MOSFET N-Channel: 30 V, 30 A, 7.5 mΩ N-Channel: 30 V, 28 A, 4.2 mΩ
|
Fairchild Semiconductor
|
FDMC8200S |
30V Dual N-Channel PowerTrenchMOSFET Dual N-Channel PowerTrench? MOSFET 30 V, 10 mΩ, 20 mΩ
|
Fairchild Semiconductor
|
FDMA3028N |
30V Dual N-Channel PowerTrenchMOSFET Dual N-Channel PowerTrench? MOSFET 30 V, 3.8 A, 68 mΩ
|
Fairchild Semiconductor
|
ZXMP3A17DN8TA ZXMP3A17DN8TC ZXMP3A17DN8-15 |
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 3400 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
|
Diodes Incorporated Zetex Semiconductor PLC
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
FDD6690S |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 40A I(D) | TO-252AA 30V N-Channel PowerTrench SyncFET TM
|
Fairchild Semiconductor
|
ZXMD63P03X ZXMD63P03XTA ZXMD63P03XTC |
DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET 2000 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
|