PART |
Description |
Maker |
PAT PAH PCH2008 PDH PDT2008 PDT20081 |
200A Avg 800 Volts
|
Nihon Inter Electronics Corporation Nihon Inter Electronics...
|
PDH1518 |
150A Avg 800 Volts
|
Nihon Inter Electronics Corporation
|
PT150S81 |
150A Avg 800 Volts
|
Nihon Inter Electronics Corporation
|
PF608N PE608N1 |
60A Avg 800 Volts PF608N
|
Nihon Inter Electronics Corporation ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
PDT4008 PAH4008 PAT4008 PCH4008 PDH4008 PAH PAT PD |
THYRISTOR 400A AVG 800 VOLTS
|
Nihon Inter Electronics... NIEC[Nihon Inter Electronics Corporation]
|
FT500A FT500A-16 FT500A-20 FT500A-24 FT500A-28 FT5 |
Phase Control SCR 400 Amperes Avg 800-2500 Volts 相位控制晶闸管四百安培平00-2500伏特 Phase Control SCR 400 Amperes Avg 800-2500 Volts 相位控制晶闸管四百安培平800-2500伏特
|
Powerex Power Semiconductor... Powerex Power Semiconductors Powerex, Inc.
|
C430MX500 C430AX500 C430BX500 C430CX500 C430DX500 |
Phase Control SCR 800 Amperes Avg 100-600 Volts
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
MAC320-10 MAC320-4 MAC320-6 MAC320-8 MAC320A10 MAC |
TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 200 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 600 V, 20 A, TRIAC, TO-220AB RF/Coaxial Connector; RF Coax Type:MMCX; Impedance:50ohm; Body Style:Straight Plug; Frequency Max:6GHz; Mounting Type:Edge Card; Voltage Rating:170V RoHS Compliant: Yes 800 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 800 V, 20 A, TRIAC, TO-220AB
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
CQ220-16 CQ220-16B CQ220-16D CQ220-16M CQ220-16N |
Leaded Thyristor TRIAC 16 AMP TRIAC 200 THRU 800 VOLTS 800 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 600 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 16安培可控00 7860 800伏特
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
PT150KN8 |
150 Avg 800 Volts
|
Nihon Inter Electronics Corporation
|
T7600130 T7601230 T7602030 T7601630 T7600430 T7600 |
Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 1000 V, SCR Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 1200 V, SCR Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 600 V, SCR Phase Control SCR (300 Amperes Average 2000 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|