PART |
Description |
Maker |
AAT1126 AAT1126IGV-0.6-T1 |
600mA, 1MHz Step-Down Converter
|
Advanced Analogic Technologies
|
AAT2511IWP-AA-T1 |
Dual 600mA, 1MHz Step-Down DC/DC Converter
|
Advanced Analog Technology,lnc.
|
B4600 B4600CN-20 B4600CN-60 B4600CR-20 B4600CR-60 |
5.9V 600mA low dropout voltage regulator 2.9V 600mA low dropout voltage regulator 2.8V 600mA low dropout voltage regulator 2.5V 600mA low dropout voltage regulator 2.3V 600mA low dropout voltage regulator 2.1V 600mA low dropout voltage regulator 600 mA Low Dropout Voltage Regulators 600毫安低压差稳压器 5.7V 600mA low dropout voltage regulator 2.0V 600mA low dropout voltage regulator 2.2V 600mA low dropout voltage regulator 2.4V 600mA low dropout voltage regulator 2.6V 600mA low dropout voltage regulator 2.7V 600mA low dropout voltage regulator 6.0V 600mA low dropout voltage regulator
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] BayLinear
|
HV600S12 |
600mA 12kV HIGH VOLTAGE DIODES
|
getedz electronics
|
HV600S08 |
600mA 8kV HIGH VOLTAGE DIODES
|
getedz electronics
|
MC34671AEP/R2 MC34671AEPR2 |
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
|
Freescale Semiconductor, Inc
|
AM26LS32DCB AM26LS32JCTR AM26LS32/BEA AM26LS33/B2C |
Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Rail-to-Rail Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
接收 Advanced Micro Devices, Inc.
|
LBS07204 |
72.1MHz SAW Filter 1MHz Bandwidth
|
SIPAT Co,Ltd
|
SC120208 SC1202CSX.XTRT SC1202CST3.3TRT |
600mA Low Dropout Positive Voltage Regulator
|
Semtech Corporation
|
87H2-SERIES 96H2-SERIES 81H2-SERIES 84H2-SERIES 66 |
High Speed CAN Transceiver, -40C to 85C, 8-SOIC 150mil, T/R Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Dual 1.8V, 1 MHz op, -40C to 125C, 8-MSOP, TUBE 20-Output, 76V, Serial-Interfaced VFD Tube Drivers Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer Dual 1.8V, 1MHz OP, -40C to 125C, 8-SOIC 150mil, TUBE Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits Single 2.3V 10 MHz OP, -40C to 125C, 8-SOIC 150mil, T/R 10-bit ADC, SPI, single channel, -40C to 85C, 8-TSSOP, T/R Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 10-bit ADC, SPI, dual channel, -40C to 85C, 8-PDIP, TUBE 2.7-5.5 10MHz High-Speed Single, OP Amp using 120K Analog EPROM process, -40C to 125C, 5-SOT-23, T/R 10-bit ADC, SPI, dual channel, -40C to 85C, 8-SOIC 150mil, TUBE 5-Pin, Multiple-Input, Programmable Reset ICs 5V to ±10V Voltage Converters CMOS Micropower Step-Up Switching Regulator ±15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Dual 1.8V, 1MHz OP, -40C to 125C, 8-MSOP, T/R 10-bit ADC, SPI, dual channel, -40C to 85C, 8-TSSOP, TUBE Single 2.3V 10 MHz OP, I temp, -40C to 85C, 8-SOIC 150mil, T/R Single 2.3V 10 MHz OP, I temp, -40C to 85C, 8-PDIP, TUBE High Speed CAN Transceiver, -40C to 125C, 8-SOIC 150mil, T/R 10-bit ADC, SPI, single channel, -40C to 85C, 8-SOIC 150mil, T/R 光电 10-bit ADC, SPI, single channel, -40C to 85C, 8-TSSOP, TUBE 光电 Optoelectronic 光电 10-bit ADC, SPI, single channel, -40C to 85C, 8-PDIP, TUBE 光电 Dual 1.8V, 1MHz OP, I temp, -40C to 85C, 8-SOIC 150mil, TUBE 光电 Single 1.8V, 1MHz OP, E temp; rvs pinout, -40C to 125C, 5-SOT-23, T/R 光电 2.7-5.5 10 MHz High-Speed Single, OP Amp using 120K Analog EPROM process, -40C to 125C, 8-MSOP, T/R 光电 High Speed CAN Transceiver, -40C to 85C, 8-SOIC 150mil, TUBE 光电 10-bit ADC, SPI, single channel, -40C to 85C, 8-SOIC 150mil, TUBE 光电 Voltage Out 12 bit DAC, DUAL channel with Internal Reference, -40C to 125C, 8-MSOP, TUBE 光电 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 3.0V/3.3V Microprocessor Supervisory Circuits 光电 Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 光电
|
3M Company Vishay Intertechnology, Inc. Elpida Memory, Inc. Amphenol, Corp. TE Connectivity, Ltd. Glenair, Inc. Bourns, Inc. Cree, Inc. Renesas Electronics, Corp. NXP Semiconductors N.V. Maxim Integrated Products, Inc. RECOM Electronic GmbH
|
|