PART |
Description |
Maker |
MAX1586AETMT MAX1586BETM MAX1586CETM MAX1586CETMT |
High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smartphones
|
MAXIM - Dallas Semiconductor
|
MAX1586 MAX1586A MAX1586AETM MAX1586BETM MAX1587 M |
High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
|
Maxim Integrated Products
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
BYW29FP-200 5011 BYW29G-200 BYW29-200 BYW29F-200 B |
Low noise low drop voltage regulator with shutdown function From old datasheet system HIGH EFFICIENCY FAST RECOVERY DIODES HIGH EFFICIENCY FAST RECOVERY DIODES
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
KSQ60A03LB |
Low Forward Voltage Drop Low Power Loss, High Efficiency, High Surge Current Capability
|
NIEC[Nihon Inter Electronics Corporation]
|
A8181 A8181SLB 8181 |
M24308/23-40F LOW-DROPOUT 5 V REGULATOR . HIGH EFFICIENCY LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
MIC38300 MIC38300HYHL |
3A SuperLNR Low Noise High Efficiency Regulator 3A SuperLNR⑩ Low Noise High Efficiency Regulator
|
Micrel Semiconductor
|
LTC3202EMS LTC3202 LTC3202EMSTRPBF LTC3202-15 |
Low Noise, High Efficiency Charge Pump for White LEDs 低噪声,高效率电荷泵白光LED Low Noise, High Efficiency Charge Pump for White LEDs; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR CONVERTER, 1500 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
HDSP-A103 HDSP-A801 HDSP-E101 HDSP-E100 HDSP-H101 |
7.6 mm(0.3 inch) Micro Bright Seven Segment Displays 20 mm (0.8 inch) Seven Segment Displays Low Current seven Segment Displays 低电段LED显示 Low Current Overflow Character displays 低电流溢出字符显 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 10.9 mm 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 14.2 mm 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 7.6 mm
|
Avago Technologies, Ltd. AGILENT TECHNOLOGIES INC
|
BFR92AW |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% NPN 5 GHz wideband transistor
|
PHILIPS[Philips Semiconductors]
|
BFY50 BFY51 BFY52 |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% NPN medium power transistors
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|