PART |
Description |
Maker |
ADT7481 ADT7481ARMZ ADT7481ARMZ-1 ADT7481ARMZ-REEL |
Dual Channel Temperature Sensor and Over Temperature Alarm
|
AD[Analog Devices]
|
TC624EPA TC622VOA TC624COA TC622EAT TC622EOA TC622 |
Low Cost Single Trip Point Temperature Sensor Low Cost Single Trip Point Temperature Sensor 低成本的单跳变点温度传感 FOOT SWITCH 230VAC 3AMP OPTIONS 低成本的单跳变点温度传感 (TC622 / TC624) Low Cost Single Trip Point Temperature Sensor The TC622 and TC624 are programmable solid state temperature sensors designed to replace mechanical switches in sensing and control applications. Both devices integrate the temperature sensor with a voltage reference and all required detec
|
TelCom Semiconductor, Inc. MICROCHIP[Microchip Technology]
|
AD22103 AD22103K AD22103KCHIPS AD22103KR AD22103KT |
Voltage Output 3.3 V Temperature Sensor withSignal Conditioning 3.3 V Supply Voltage Output Temperature Sensor with Signal Conditioning 3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning ANALOG TEMP SENSOR-VOLTAGE, 0.95V, RECTANGULAR, SURFACE MOUNT SOIC-8 3.3 V Supply/ Voltage Output Temperature Sensor with Signal Conditioning
|
AD[Analog Devices] Analog Devices, Inc.
|
ADT7482ARMZ ADT7482ARMZ-REEL ADT7482 |
Dual Channel Temperature Sensor and Overtemperature Alarm
|
AD[Analog Devices]
|
AD7816 EVAL-AD7818EB AD7816-7818 AD7816ACHIPS AD78 |
Temperature Sensor (On Chip) 4-Channel, 9 µs, 10-Bit ADC Temperature Sensor: 10-Bit ADC, Temperature Monitoring Only in an SOIC/µSOIC Package Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
|
AD[Analog Devices]
|
AD7416ARMZ-REEL AD7416ARMZ-REEL7 AD7418ARZ-REEL7 A |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT LEAD FREE, SOIC-8 PIN Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs 10-Bit Digital Temperature Sensor
|
Analog Devices, Inc.
|
TMP04FSZ |
Temperature Sensor: Serial Digital Output Thermometers CMOS/TTL Comp.; Package: SOIC; No of Pins: 8; Temperature Range: TBD DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 1.50Cel, RECTANGULAR, SURFACE MOUNT
|
Analog Devices, Inc.
|
AD7816AR-REEL7 AD7818ARZ-REEL7 AD7818ARMZ-REEL7 AD |
Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor DIGITAL TEMP SENSOR-SERIAL Temperature Sensor (On Chip) 4-Channel, 9 µs, 10-Bit ADC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Temperature Sensor (On Chip) 4-Channel, 9 µs, 10-Bit ADC; Package: SOIC; No of Pins: 16; Temperature Range: Commercial 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 DIGITAL TEMP SENSOR-SERIAL MO-153-AB, TSSOP-16 DIGITAL TEMP SENSOR-SERIAL MO-187-AA, MSOP-8 DIGITAL TEMP SENSOR-SERIAL MS-012-AA, SOIC-8
|
http:// Analog Devices, Inc. ANALOG DEVICES INC
|
ADM1022 |
Remote Dual Channel Temperature Sensor, Fan Control and Power Good Detection with Serial Interface
|
Analog Devices
|
ADM1022ARQ-REEL ADM1022ARQ-REEL7 |
Remote Dual Channel Temperature Sensor, Fan Control and Power Good Detection with Serial Interface
|
Analog Devices
|