PART |
Description |
Maker |
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
04611.25ERT 0461.500ERT 0461002.ERT |
Telecom NANO2?Fuse and Teccor TeleLink? Fuse Telecom NANO2?Fuse 461 Series and Teccor TeleLink? Fuse
|
Littelfuse
|
225125 225100 25508080001 239250P 250R120 229350 2 |
2AG Fast-Acting Fuse Insulating Nuts for CF8 Fuse 5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse POLYFUSE Resettable PTCs Radial Leaded 2AG Slo-Blo Fuse Battery Clamp for CF8 Fuse Rated 58V SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
|
AZDISPLAYS LITTELFUSE[Littelfuse]
|
GMT-12A GMT-3/4A GMT-31/2A GMT-112A GMT-15A GMT-1/ |
Fast-Acting Indicating Telecom Fuse Fast-Acting Indicating Telecom Fuse
|
Cooper Bussmann, Inc.
|
FNQ-4 |
Cartridge Fuse; Current Rating:4A; Voltage Rating:500V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Fiber; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
CMF-SD35-10 CMF-SD35A-10 CMF-SD50 |
Telecom CPTC Resettable Fuses RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, 35 ohm, SURFACE MOUNT Telecom CPTC Resettable Fuses RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, 50 ohm, SURFACE MOUNT
|
Bourns, Inc.
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
3414.0114.11 3414.0124.22 |
SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VDC, 35A (IR), SURFACE MOUNT FUSE, SMD, USF0402, 5A; Current, fuse rating:5A; Case style:0402; Approval Bodies:CCC; Approval category:UL Recognised; Current, breaking capacity DC:35A; Depth, external:0.4mm; Device marking:T; Flammability rating:UL94V-1; Fuse RoHS Compliant: Yes
|
SCHURTER INC
|
KLPC3500 KLPC6000 KLPC650 KLPC700 KLPC5000 KLPC100 |
KLPC series POWR-PRO class L fuse. Time-delay. 3500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 6000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 650A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 700A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 5000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1100A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1300A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1400A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1800A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1600A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1900A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 2000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 900A, 600VAC, 480VDC.
|
Littelfuse
|
FNQ-R-25 FNQ-R-15 |
Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm Cartridge Fuse; Current Rating:15A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ-R
|
COOPER INDUSTRIES
|
|