PART |
Description |
Maker |
LTC2850CDD LTC2850CDD8 LTC2851HDD LTC2851HDD8 LTC2 |
3.3V 20Mbps RS485/RS422 Transceivers
|
Linear Technology
|
LTC2851 |
3.3V 20Mbps RS485/RS422 Transceivers
|
Linear Technology
|
LT1785HN8PBF LT1785AHS8PBF LT1785AHS8TRPBF LT1791A |
60V Fault Protected RS485/RS422 Transceivers
|
Linear Technology
|
LTC2865 LTC2863-15 LTC2862-15 |
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
|
Linear Technology
|
LTC2851HS8TRPBF LTC2851CDDTRPBF LTC2852HSTRPBF LTC |
3.3V 20Mbps RS485/RS422 Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver; Package: SO; No of Pins: 14; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO14 3.3V 20Mbps RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C
|
Linear Technology, Corp. Glenair, Inc. LINEAR TECHNOLOGY CORP
|
LTC2856IDD-1 LTC2857IDD-1 LTC2858IDD-1 LTC2856HDD- |
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO10 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO10 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
|
Linear Technology, Corp.
|
LT1791HSPBF LT1785HS8PBF LT1785ACS8TR |
60V Fault Protected RS485/RS422 Transceivers; Package: SO; No of Pins: 14; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO14 60V Fault Protected RS485/RS422 Transceivers; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 60V Fault Protected RS485/RS422 Transceivers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1334 LTC1334CG LTC1334CNW LTC1334CSW LTC1334IG |
Single 5V RS232/RS485 Multiprotocol Transceiver Octal Bus Transceivers/Registers With 3-State Outputs 24-SOIC 0 to 70
|
LINER[Linear Technology] Linear Technology Corporation
|
LTC1321 LTC1321C LTC1321CN LTC1321CS LTC1321I LTC1 |
From old datasheet system RS232/EIA562/RS485 Transceivers
|
LINER[Linear Technology]
|
ADOP27AQ/883B ADOP27BH/883B ADOP27BQ/883B ADOP27CH |
60V Fault Protected RS485/RS422 Transceivers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
3M Company
|
LTM2881CV-5PBF LTM2881CV-3PBF LTM2881IY-5PBF LTM28 |
Complete Isolated RS485/RS422 µModule Transceiver Power, 32-Pin (15mm × 11.25mm × 2.8mm) LGA , Temperature Range: Commercial 0°C to 70°C LINE TRANSCEIVER, PBGA32 Complete Isolated RS485/RS422 µModule Transceiver Power, 32-Pin (15mm × 11.25mm × 3.42mm) BGA , Temperature Range: Industrial –40°C to 85°C LINE TRANSCEIVER, PBGA32
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|