PART |
Description |
Maker |
D15P33E6PA00 D15P33E4PA00 D25P33E4PA00 D09P33E6PA0 |
MALE CONNECTOR DELTA D right angle
|
FCI connector
|
D09P82C6GL00LF |
MALE CONNECTOR DELTA D EUROSTYLE
|
FCI connector
|
M80-500000000-03-331-00-000 M80-500000000-03-318-0 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 3 x 3.5mm PC Tail Power contacts 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 3 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 11 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC HARWIN INC
|
14-44-5324 14-44-5312 14-44-5319 14-44-2906 14-44- |
SL IDT Opt D Male 22AWG 15 SAu 24Ckt 24 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 12Ckt 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 19Ckt 19 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 30 SAu 6Ckt 6 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 21Ckt 21 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 8Ckt 8 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 8Ckt 8 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 30 SAu 20Ckt 20 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 5Ckt 5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 25Ckt SL IDT Opt D Male 28AWG 15 SAu 7Ckt SL IDT Opt D Male 22AWG 15 SAu 15Ckt SL IDT Opt D Male 22AWG 15 SAu 9Ckt 25 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc. MOLEX INC
|
87427-1843 87427-1043 87427-1842 87427-2042 |
874271843 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 4.20mm WtB RAHdr HT /OMntFlg 4Sn 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 4.2mm WtB VtHdr HT /OMntFlg 2.54Sn 18Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 874272042 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
70246-3402 70246-2602 70246-2002 70246-0802 70246- |
2.54mm CGrid Hdr Shrd /Slt .76AuLF 34Ckt 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 26PIN(2X13) 2.54MM T/H 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 20Ckt RoHS Compliant: Yes 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 30Ckt 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd W/Slt 0.5AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:16; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CON/ 34MP HRS SO T S00 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .38AuLF 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm 26ckt Hdr Shrd /Slt .38AuLF void1 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .13AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. SIEMENS AG
|
M80-8430645 |
Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 6-way 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Harwin PLC
|
FCC17-C37SA-210G FCC17-C37SA-240G FCC17-C37SA-250G |
FCC 17 FILTERED D-SUB, RIGHT ANGLE .318[8.08] F/P, PIN & SOCKET - PLASTIC MTG BRACKET & BOARDLOCK 15 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 25 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 37 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER
|
Amphenol Corporation Amphenol, Corp.
|
M80-7540442 |
Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, unlatched, selective gold tin, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
73644-0117 73644-2000 73644-0016 73644-3116 73644- |
HDM BP GP A 30 SAu GF 72Ckt 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM BP KEYED W/GUIDE &POL 736442000 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 736440016 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 144CKT HDM BACKPLANE MODU 736443116 144 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 2MM HDM BP GP Polz Pn AA 72Ckt 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT Header; No. of Contacts:72; Pitch Spacing:2mm; No. of Rows:6; Series:HDM; Connector Body Material:Polymer; Contact Termination:Press-Fit 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM Bkpln Mod W/PolKey 144Ckt 144 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM BP GP Polz Pn 30 SAu GF 72Ckt
|
Molex, Inc. MOLEX INC
|
M80-7820322 |
Datamate L-Tek SIL Male Vertical 4.5mm PC Tail Connector, latched, selective gold tin/lead, 3-way 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-8263442 |
Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, selective gold tin, 17 17-way 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
|