PART |
Description |
Maker |
BDE1100G BDE0700G BDE0600G BDE0600G-TR BDE0800G BD |
Thermostat Output Temperature ICs with Variable Detection Temperature
|
Rohm
|
BDE9100G BDE0700G BDE1100G BDE9200G BDE0000G |
Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
|
Rohm
|
DS620 DS620U DS620U_TR DS620U/TR |
Low-Voltage, -0.5°C Accuracy Digital Thermometer and Thermostat Low-Voltage/ 0.5C Accuracy Digital Thermometer and Thermostat 240 x 64 pixel format, CFL, LED, or EL Backlight available VOLTAGE REG POS 6V 100MA SOT-89 Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat Low-Voltage, -0.5∑C Accuracy Digital Thermometer and Thermostat
|
http:// Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
AD592ACHIPS |
Current Output – Precision IC Temperature Transducer; Package: CHIPS OR DIE; No of Pins: -; Temperature Range: Commercial
|
ANALOG DEVICES INC
|
AQ297GY-M5-AJ-TR AQ297GY-M5-AJ-TRL |
3oC Accurate with Hysteresis Adjustable Thermostat SOT23-5 Package 3ìC Accurate with Hysteresis Adjustable Thermostat SOT23-5 Package
|
Acutechnology Semiconductor
|
AM27C010-150PI AM27C010-255PI AM27C010-255DCB AM27 |
Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C 165MHz, Rail-to-Rail Input and Output, 0.95nV/rtHz Low Noise, Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 60MHz, Rail-to-Rail Output, 1.9nV/rtHz, 1.2mA Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C x8 EPROM x8存储
|
Bourns, Inc. Advanced Micro Devices, Inc.
|
EDS11-141B |
DIGITAL THERMOSTAT
|
Fuji Electric
|
PGT2110/DS PGS2110/DS PGR2110/DS PGB2110/DS PGM211 |
650MHz Gain of 2 Triple 2:1Video Multiplexer; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 750MHz Gain of 1 Triple 2:1Video Multiplexer; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 光电 Optoelectronic 光电 Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 光电 Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 光电 60MHz, Rail-to-Rail Output, 1.9nV/rtHz, 1.2mA Op Amp Family; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 光电
|
Infineon Technologies AG Ironwood Electronics Electronic Theatre Controls, Inc. Newhaven Display International, Inc. Linear Technology, Corp. ON Semiconductor
|
DS75LV0611 |
Digital Thermometer and Thermostat
|
Maxim Integrated Products
|