PART |
Description |
Maker |
AL8807 |
HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
|
Diodes Incorporated
|
MAX9759ETE MAX9759EUE_ MAX9759 MAX9759ETE_ |
3.2W, High-Efficiency, Low-EMI, Filterless, Class D Audio Amplifier
|
MAXIM[Maxim Integrated Products]
|
FSQ321L FSQ03650709 FSDM0365RN FSDM0365RNB FSDM026 |
Green Mode Fairchild Power Switch (FPS for Valley Switching Converter 12 A SWITCHING REGULATOR, 67 kHz SWITCHING FREQ-MAX, PDSO8 Green Mode Fairchild Power Switch (FPS? for Valley Switching Converter - Low EMI and High Efficiency Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency Green Mode Fairchild Power Switch (FPS垄芒) for Valley Switching Converter - Low EMI and High Efficiency
|
Fairchild Semiconductor, Corp.
|
FSQ0165RN FSQ0265RN FSQ0365RN FSQ311 |
Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MP9942 MP9942GJ |
High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
|
Monolithic Power System...
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MP9942GJ |
High Efficiency 2A, 36V, 410kHz Sync. Step-Down Switch Evaluation Board With Power Good
|
Monolithic Power System...
|
MP9943GQ |
High-Efficiency, 3A Peak, 36V, 410kHz Step-Down Converter with Power Good Evaluation Board
|
Monolithic Power System...
|
MAX8596XETA MAX8595X MAX8595XETA MAX8595X-MAX8596X |
Dual 4-Line To 1-Line Data Selectors/Multiplexers 20-LCCC -55 to 125 高效率6V、升压型变换器,提供TA降额工作,可驱动2个白光LED From old datasheet system High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC6104 LTCWK LT6106HS5TRMPBF LT6106CS5TRMPBF LT61 |
36V Low Cost High Side Current Sense in a SOT-23
|
Linear Technology
|
LTCWK |
36V Low Cost High Side Current Sense in a SOT-23
|
Linear Technology Corporation
|