PART |
Description |
Maker |
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
AN883 |
LOW-COST IC LEVEL TRANSLATOR
|
Silicon Laboratories
|
5962-9458507HMA 5962-9458507HMC 5962-9458506H9A 59 |
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs EEPROM EEPROM Single/Dual/Quad, Low-Cost, UCSP/SOT23, Low-Power, Rail-to-Rail I/O Op Amps EEPROM High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers EEPROM Low-Cost, 3V/ 5V, 620µA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs EEPROM
|
Silicon Storage Technology, Inc. Glenair, Inc.
|
AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD8034ART-RE |
Low Cost, 80 MHz FastFET Op Amps Very Low-Cost High-Speed FastFET™ Op Amps Low Cost, 80 MHz FastFET ?Op Amps Low Cost/ 80 MHz FastFET Op Amps Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO5 Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc.
|
TC3405 TC3405VPE TC3405VQR |
The TC3405 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It performs 16-bit conversions (15-bit plus sign) at up to eight per second.Thedeviceis optimizedforuseas microcontroller pe 16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
|
MICROCHIP[Microchip Technology]
|
LT1097S8TRPBF |
Low Cost, Low Power Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 130 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO8 Low Cost, Low Power Precision Op Amp(浣?环锛?????绮惧?杩???惧ぇ?ī
|
Linear Technology, Corp. Linear Technology Corporation
|
MAX705 MAX705CPA MAX705CSA MAX705CUA MAX705EPA MAX |
Quadruple 2-Input Multiplexers With Storage 16-CFP -55 to 125 Quadruple 2-Input Multiplexers With Storage 16-CDIP -55 to 125 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug Low-Cost / uP Supervisory Circuits From old datasheet system Low-Cost uP Supervisory Circuits Low-Cost, μP Supervisory Circuits Low-Cost, uP Supervisory Circuits
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
QL2009 QL2009-0PB256C QL2009-0PB256I QL2009-0PF144 |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASIC? 2 FPGA Combining Speed Density Low Cost and Flexibility 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC? 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed/ Density/ Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) PT 6C 6#20 PIN RECP PT 8C 8#20 PIN RECP 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V.0V帕希奇? 2 FPGA的结合速度,密度,低成本和灵活
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. QuickLogic Corp.
|
MAX5363 MAX5363EUT-T MAX5364 MAX5364EUT-T MAX5365 |
Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO6 Low-Cost Low-Power 6-Bit DACs with 3-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD621 AD621ARZ-R7 AD621AR-REEL AD621AR-REEL7 AD621 |
-18V; 650mW; low drift, low power instrumentation amplifier. For weigh scales, transduver interface and data acquisition systems Low Drift, Low Power Instrumentation Amp with fixed gains of 10 and 100 INSTRUMENTATION AMPLIFIER, 185 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO8 Low Cost,Low Power Instrumention Amplifier
|
Analog Devices, Inc.
|
AD620BRZ-R7 AD620ACHIPS AD620 AD620SQ/883B AD620BR |
Low Cost Low Power Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 85 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO8 Low Cost Low Power Instrumentation Amplifier
|
Analog Devices http:// ANALOG DEVICES INC
|
AD73311LAR AD73311LARU EVAL-AD73311LEB AD73311LARS |
Low Cost/ Low Power CMOS General Purpose Analog Front End Low Cost, Low Power CMOS General Purpose Analog Front End Single-Channel, 3 V Front-End Processor for General Purpose Applications Including Speech and Telephony; Package: SSOP; No of Pins: 20; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, PDSO20
|
Analog Devices, Inc.
|