PART |
Description |
Maker |
LT1500 LT1500CS LT1500CS-3 LT1500CS-5 LT1500IS LT1 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1.3 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDSO14 Adaptive-Frequency Current Mode Switching Regulators From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
CMPD4150 |
high current high speed switching diodeHIGH CURRENT HIGH SPEED SWITCHING DIODE
|
CENTRAL[Central Semiconductor Corp]
|
LT1976 LT1976EFE LT1976IFE LT1976B LT1976HFE LT197 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100渭A Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40° to 125°C 3.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
|
Linear Technology, Corp.
|
2SD1411A EE08318 |
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS) From old datasheet system HIGH CURRENT SWITCHING APPLICATIONS POWER AMPLIFIER APPLICATIONS
|
Toshiba Semiconductor
|
2SD2414SM E001183 2SD2414 |
HIGH CURRENT SWITCHING APPLICATIONS POWER AMPLIFIER APPLICATIONS From old datasheet system NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING/ POWER AMPLIFIER APPLICATIONS)
|
Toshiba Semiconductor
|
MMBT2222A SMBT2222A SMBT2222A/MMBT2222A |
Switching Transistors - NPN Silicon Switching Transistor with high current gain
|
Infineon Technologies A... Infineon Technologies AG
|
2SK1120 E001315 2SK1120F |
From old datasheet system HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) N CHANNEL MOS TYPE (HIGH SPEED/ HIGH CURRENT SWITCHING/ DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
LT1977 1977F LT1977EFE LT1977IFE 1977IFE |
High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current From old datasheet system High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100μA Quiescent Current
|
LINER[Linear Technology]
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
ISL8840AABZ ISL8842AMBZ ISL8842AABZ |
High Performance Industry Standard Single-Ended Current Mode PWM Controller 1 A SWITCHING REGULATOR, 2000 kHz SWITCHING FREQ-MAX, PDSO8
|
Intersil, Corp.
|
2SD1049 |
TRIPLE DIFFUSED PLANER TYPE HIGH CURRENT HIGH SPEED SWITCHING
|
Fuji Electric
|