PART |
Description |
Maker |
AT83C23OK AT83C22OK |
AT83C22OK/AT83C23OK [Updated 5/03. 2 Pages] AT83C22OK/AT83C23OK [更新5日2页] AT83C22OK is based on Atmel C51 MCU and include OMNIKEYfirmware. This single-chip turnkey solutions can be quickly and easily integrated into any USB smart card peripheral. AT83C23OK is based on Atmel C51 MCU and include OMNIKEY?firmware. This single-chip turnkey solutions can be quickly and easily integrated into any USB smart card keyboard or peripheral.
|
Jonard Industries, Corp. Atmel
|
ATSAM9703 |
Offers a turnkey solution for high quality karaoke/VCD karaoke.
|
Atmel
|
AD9200ARS AD9200ARSRL AD9200JRS AD9200JRSRL AD9200 |
Complete 10-Bit/ 20 MSPS/ 80 mW CMOS A/D Converter Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP48 Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter 完整0位,20 MSPS0毫瓦的CMOS A / D转换
|
Analog Devices, Inc.
|
ADC-228 ADC-228MM ADC-228_883 ADC-228MC ADC-228/88 |
Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:17-35 8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter From old datasheet system
|
Datel Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
MAX3480A MAX3480ACPI MAX3480AEPI MAX3480BCPI MAX34 |
From old datasheet system Complete Isolated 3.3V RS-485/RS-422 Data Interface Complete, Isolated, 3.3V RS-485/RS-422 Data Interface Complete / Isolated / 3.3V RS-485/RS-422 Data Interface Programmable 27-Bit Display Serial Interface Receiver 80-BGA MICROSTAR JUNIOR -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD7847ANZ AD7837 AD7837AN AD7847AQ |
LC2MOS Complete, Dual 12-Bit MDAC, Parallel Loading Structure DUAL, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDIP24 LC2MOS Complet, Dual 12-Bit MDACs LC MOS Complete, Dual 12-Bit MDACs LC2MOS Complete, Dual 12-Bit MDACS
|
Analog Devices, Inc.
|
AD364RJ AD364 AD363 AD364RTD AD363RK AD363RKD AD36 |
Complete 16-Channel,12-Bit Data Acquisition System 16-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP64 Complete 16-Channel,12-Bit Data Acquisition System 16-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP60 Circular Connector; No. of Contacts:19; Series:LJTPQ00R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS Complete 16-Channel, 12-Bit Data Acquisition Systems
|
Analog Devices, Inc. http:// AD[Analog Devices]
|
F5D3 F5D1 F5D2 |
AIGAAS INFRARED EMITTING DIODE 1 ELEMENT, INFRARED LED, 880 nm
|
QT[QT Optoelectronics]
|
F5D3 F5D1 F5D2 F5D1B |
AlGaAs INFRARED EMITTING DIODE 1 ELEMENT, INFRARED LED, 880 nm
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
OP168F OP268FB OP268FPS OP268FA OP268FC OP269A OP2 |
Plastic Infrared Emitting Diode 0.76 mm, 1 ELEMENT, INFRARED LED, 890 nm
|
TT electronics OPTEK Technology OPTEK TECHNOLOGY INC
|
1N6266 |
GAAS INFRARED EMITTING DIODE 1 ELEMENT, INFRARED LED, 940 nm
|
QT[QT Optoelectronics]
|
LED55BF LED55CF LED56F |
GAAS INFRARED EMITTIN DIODE 4.67 mm, 1 ELEMENT, INFRARED LED, 940 nm
|
QT[QT Optoelectronics]
|