PART |
Description |
Maker |
SY10EP58V05 SY10EP58VZI SY10EP58VZITR SY100EP58V S |
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
|
MICREL[Micrel Semiconductor]
|
MC100LVEL91 MC100LVEL91DW MC100EL91 MC100EL91DW ON |
From old datasheet system Triple PECL to ECL T ranslator Triple PECL to ECL Translator
|
ONSEMI[ON Semiconductor] Motorola, Inc
|
MC100EL90DW MC100EL90DWG MC100EL90DWR2 MC100EL90DW |
-3.3V / -5V Triple ECL Input to PECL Output Translator; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 TRIPLE ECL TO PECL TRANSLATOR, COMPLEMENTARY OUTPUT, PDSO20 −3.3V / −5V Triple ECL Input to PECL Output Translator
|
ONSEMI[ON Semiconductor]
|
AZ10EL89DR2 AZ10EL89 AZ10EL89D AZ10EL89DR1 |
From old datasheet system ECL/PECL Coaxial Cable Driver ECL / PECL的同轴电缆驱动器
|
Arizona Microtek List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
AZ100EL31 AZ10EL31 AZ10EL31DR2 AZ100EL31T AZ100EL3 |
ECL/PECL D Flip-Flop with Set and Reset ECL / PECL的D触发器的设置和复 From old datasheet system
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Arizona Microtek
|
MPC9992 |
3.3V Differential ECL/PECL PLL Clock Generator From old datasheet system 3.3 DIFFRERENTIAL ECL/PECL PLL CLOCK GENERATOR
|
Motorola, Inc.
|
AZ100LVEL33NG AZ10/100LVEL33L |
ECL/PECL ±4 Divider ECL / PECL的4分频
|
Arizona Microtek, Inc.
|
SY10EP31VKGTR |
5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
|
MICREL INC
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
MC100LVE222FA ON0510 |
LOW VOLTAGE 1:15 DIFFERENTIAL / ECL/PECL CLOCK DRIVER From old datasheet system LOW VOLTAGE 1:15 DIFFERENTIAL 1/2 ECL/PECL CLOCK DRIVER
|
Motorola, Inc
|
AZ100LVEL58D AZ100LVEL58NG AZ100LVEL58T |
ECL/PECL 2:1 Multiplexer
|
Arizona Microtek, Inc.
|