PART |
Description |
Maker |
2SC4634 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits High-Voltage Amp, High-Voltage Switching Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
ICL766005 ICL7660CBAZ ICL7660CBAZA ICL7660CPAZ ICL |
CMOS Voltage Converters; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R SWITCHED CAPACITOR CONVERTER, 10 kHz SWITCHING FREQ-MAX, PDSO8 Simple Conversion of 5V Logic Supply to ±5V Supplies
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
X40231S16I-BT1 X40239S16I-AT1 X40237S16I-AT1 |
Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 3-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Intersil, Corp. INTERSIL CORP
|
MC74LCX244MELG |
Low−Voltage CMOS Octal Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) LVC/LCX/Z SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20
|
ON Semiconductor
|
FXL2SD106 FXL2SD106BQX |
Low Voltage Dual Supply 6-Bit SD Memory Card Interface voltage Translator; Package: DQFN; No of Pins: 16; Container: Tape & Reel SPECIALTY INTERFACE CIRCUIT, QCC16 Low Voltage Dual Supply 6-Bit SD Interface Voltage Translator with Configurable Voltage Supplies
|
Fairchild Semiconductor, Corp.
|
MC78L05AA MC78L05AACP MC78L05ACD MC78L05ACH MC78L0 |
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS Search --To LM78L05ACZ 5.0 AMP POSITIVE VOLTAGE REGULATOR 12 V FIXED POSITIVE REGULATOR, PSSO3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3
|
FAIRCHILD[Fairchild Semiconductor] Fairchild semiconductors http:// Fairchild Semiconductor, Corp.
|
ISL84051IA-T |
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-QSOP T&R
|
INTERSIL CORP
|
ISL23710UIU10Z ISL23710 ISL23710WIU10Z ISL23710WIU |
Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface Terminal Voltage ±3V or ±5V, 128 Taps Up/Down Interface; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 128 POSITIONS, PDSO10 Terminal Voltage ±3V or ±5V, 128 Taps Up/Down Interface; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 128 POSITIONS, PDSO10
|
Intersil Corporation Intersil, Corp.
|
ICL7663SACBA-T ICL7663SAIBA ICL7663SAIJA |
CMOS Programmable Micropower Positive Voltage Regulator; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDSO8 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, CDIP8
|
Fujitsu, Ltd. HARRIS SEMICONDUCTOR
|
TSM103 TSM103I TSM10303 TSM103AIDT TSM103IDT TSM10 |
DUAL OP-AMP, 5000 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, PDSO8 DUAL OP-AMP AND VOLTAGE REFERENCE DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
|
ST Microelectronics STMicroelectronics
|