PART |
Description |
Maker |
2N3440S |
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package. Bipolar NPN Device.
|
SEME-LAB[Seme LAB]
|
2N3109 2N3109E4 |
1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD Bipolar NPN Device
|
SEMELAB LTD SEME-LAB
|
BUX50SMD |
3.5 A, 125 V, NPN, Si, POWER TRANSISTOR, TO-276AB Bipolar NPN Device in a Hermetically sealed
|
SEMELAB LTD Seme LAB
|
2N4231A 2N4231A-JQR-AR1 |
5 A, 40 V, NPN, Si, POWER TRANSISTOR, TO-213AA Bipolar NPN Device in a Hermetically sealed TO66
|
SEMELAB LTD Seme LAB
|
2N5785SMD05 |
TRANSISTOR | BJT | NPN | 65V V(BR)CEO | 3.5A I(C) | SMT Bipolar NPN Device in a Hermetically sealed
|
Seme LAB
|
BSX20CSM BSX20CSM-JQR-AG4 |
500 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR Bipolar NPN Device in a Hermetically sealed LCC1
|
SEMELAB LTD Seme LAB
|
SFBUY57 BUY57 |
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package 15 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-204AA
|
TT electronics Semelab, Ltd. Seme LAB
|
SF_2N4395 BDY24B 2N4395 |
TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | TO-3 Bipolar NPN Device in a Hermetically sealed TO3 Metal Package.
|
SEME-LAB[Seme LAB]
|
ZT90 BFT35 |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1A I(C) | TO-5 Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
|
SEME-LAB[Seme LAB]
|
BUS14A |
Bipolar NPN Device
|
Semelab PLC
|
|