PART |
Description |
Maker |
BUH417 |
7 A, 700 V, NPN, Si, POWER TRANSISTOR
|
STMICROELECTRONICS
|
BU705D |
2.5 A, 700 V, NPN, Si, POWER TRANSISTOR
|
NXP SEMICONDUCTORS
|
2SC2925 |
Silicon NPN epitaxial planer type(For low-frequency output amplification0 700 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Panasonic, Corp. Panasonic Semiconductor
|
ZB4CS-700-10W |
Power wer Splitter/Combiner 4 Way-0° 400 to 700 MHz Power wer Splitter/Combiner 4 Way-0∑ 400 to 700 MHz Power wer Splitter/Combiner 4 Way-0 400 to 700 MHz Power wer Splitter/Combiner 4 Way-0400 to 700 MHz 400 MHz - 700 MHz RF/MICROWAVE COMBINER, 0.8 dB INSERTION LOSS
|
MINI[Mini-Circuits]
|
NSS30071MR6T1G |
30 V, 0.7 A, Low VCE(sat) NPN Transistor 700 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ONSEMI[ON Semiconductor]
|
DR4 |
700 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-276AB
|
SEMELAB LTD
|
2SB1331T105/PQ 2SB1306/P 2SB1306T103/QR 2SB1306/QR |
2 A, 32 V, PNP, Si, POWER TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR, TO-92L 2000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92L 1000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92L 700 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92L 100 mA, 400 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92L 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92L 700 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92LS
|
|
FAR-F5CP-902M50-D205 FAR-F5CP-902M50-D205-V FAR-F5 |
Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 836.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 820 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 压电声表面波带通滤波器00700MHz至) Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 942.5 MHz, SAW FILTER LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
DP52-0004 DP52-0004TR |
Low Cost SMT Dual Band Diplexer 400-700/1100-1940 MHz 低成本贴片双频双工器400-700/1100-1940兆赫
|
3M Company
|
ZAPD-20 |
Power Splitter/Combiner 2 Way-0 50Ω 700 to 2000 MHz Power Splitter/Combiner 2 Way-0 50ヘ 700 to 2000 MHz
|
Mini-Circuits
|
AGF700-48S30LT |
POWER 700 Watts
|
Artesyn Technologies
|
|