PART |
Description |
Maker |
BD6066EKN |
Step-up DC/DC converter for middle size LCD panel
|
ROHM[Rohm]
|
MP1529DR MP1529 |
Fixed Frequency Step-Up Converter LCD Backlight Plus Flash
|
MPS[Monolithic Power Systems]
|
RN5RK301B-TL RN5RK302A-TL RN5RK301A RN5RK301A-TR R |
SOT-23-5 VFM STEP-UP DC/DC CONVERTER 采用SOT - 23 - 5 VFM的升压型DC / DC变换 SOT-23-5 VFM STEP-UP DC/DC CONVERTER 0.5 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO5 SOT-23-5 VFM STEP-UP DC/DC CONVERTER SWITCHING CONTROLLER, PDSO5 Power Management ICs 电源管理IC IC LOGIC 3390 HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER 5V -40 85C QSOP-28 49/TUBE
|
Ricoh Co., Ltd. Electronic Theatre Controls, Inc. RICOH COMPANY LTD
|
HD151012 |
Standard IC>General-Purpose Logics>Alternative Signal Counters for LCD Panel>ASSP for LCD Panels
|
Renesas
|
AD8381 AD8381AST AD8381AST-REEL |
Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver 快速,高电压驱动器通道输出DecDriverTM元气,液晶面板驱 Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver LIQUID CRYSTAL DISPLAY DRIVER, PQFP48 Fast/ High Voltage Drive/ 6-Channel Output DecDriverTM Decimating LCD Panel Driver Fast, 6-Channel Output DecDriver?Decimating LCD Panel Driver
|
Analog Devices, Inc.
|
MAX1878 |
Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
|
MAXIM - Dallas Semiconductor
|
MB3883PV MB3883PFV MB3883 |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down 6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
LTC1779 1779F LTC1779ES6 LTC1779ES6TRPBF |
250mA Current Mode Step-Down DC/DC Converter in ThinSOT From old datasheet system 250mA Current Mode Step-Down Converter in SOT-23 250mA Current Mode Step-Down DC/DC Converter in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING REGULATOR, 650 kHz SWITCHING FREQ-MAX, PDSO6
|
LINER[Linear Technology] Linear Technology, Corp.
|
W83194BR-312 W83194BR-63S W83194BR-39A W83195AR-S |
Step-less VIA (tm) KT-266 main clock gen Step-less Frequency SiS 630S, Clock Gen., with S.S.T. Step-less Frequency VIA PC133, Intel BX Clock Gen., with S.S.T. 200MHz Solano 815 Clock Gen., 3-DIMM, with S.S.T. 200MHz Solano 815 Clock Gen., 2-DIMM, with S.S.T. IPMI BMC plus hardware monitor and five sets I2C Master/Slave SMBus Step-less Intel (tm) 845 main clock gen Step-less Freqency SiS 730S, Clock Gen.,with S.S.T Notebook integrated LPC I/O controller, flash interface, ISA KBC interface and W83877A MDPCM Voice/Melody w/40x8 ~ 16x4 LCD, 80x4 LCD RAM, 1/4&1/8 Duty, 1/3&1/4 Bias, 16Kx20 ROM, 896*4 RA W83877TF plus KBC, CIR, RTC
|
Winbond Electronics
|
LC74982W |
FPD Products: Scan converter for LCD TVs LCD TV Scan Converter IC
|
Sanyo Semicon Device
|