PART |
Description |
Maker |
IL386 |
Minimum External Parts
|
IK Semicon Co., Ltd
|
AT45DB011D-MH-SL955 AT45DB011D-MH-SL954 |
1-megabit 2.7-volt Minimum DataFlash
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
AT45DB021D08 AT45DB021D-SH-SL955 AT45DB021D-MH-SL9 |
2-megabit 2.7-volt Minimum DataFlash
|
ATMEL Corporation
|
AT45DB021D-SSH-B AT45DB021D-SSH-SL954 AT45DB021D-S |
2-megabit 2.7-volt Minimum DataFlash
|
ATMEL Corporation
|
56A36S-01-1-10S-F 56A36S-01-1-10N-F |
Requires Minimum Distance Behind the Panel
|
Grayhill, Inc
|
SS-BGA352A-01 |
Minimum real estate required
|
Ironwood Electronics.
|
LD7710 |
14GHz / 40 W CW PPM FOCUSING / MINIMUM SIZE 14GHz, 40 W CW PPM FOCUSING, MINIMUM SIZE
|
NEC Corp.
|
AT25SF041-XMHD-T AT25SF041-MHD-T |
2.5V Minimum SPI Serial Flash Memory
|
Adesto
|
MRUS51S |
Micro power Built-in IC ultra-minimum MR sensor
|
NEC
|
MIC2299-15YML |
3.5A Minimum, 2MHz High Brightness LED Driver
|
Micrel Semiconductor
|
KLNR8 KLNR5 KLNR6 KLNR4 KLNR70 KLNR50 KLNR90 KLNR6 |
Execution Time (ns): 50 (@20MHz); Operating Frequency / Supply Voltage: 20MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V, 5MHz/2.2 to 5.5V; Operating Ambient Temperature Execution Time (ns): 50 (@20MHz); Operating Frequency / Supply Voltage: 20MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -40 R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 32K; RAM: 1.5K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 24K; RAM: 1.5K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 16K 2K; RAM: 1K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 8K; RAM: 512; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 8K 2K; RAM: 512; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 16K; RAM: 1K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction General Purpose Fuses
|
Littelfuse, Inc.
|
PMK325AC6227MM-P |
Standard packaging quantity (minimum) Taping Embossed 1000pcs
|
Taiyo Yuden (U.S.A.), I...
|