PART |
Description |
Maker |
AN2104 |
Using Background Debug Mode for the M68HC12 Family
|
Freescale Semiconductor, Inc
|
C8051F341-GQ C8051F34B-GQ C8051F34B-GM C8051F342-G |
Full Speed USB Flash MCU Family 8-BIT, FLASH, 48 MHz, MICROCONTROLLER, PQFP48 On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
|
Silicon Laboratories, Inc.
|
VNC2 |
Debug Module
|
FTDI
|
PC5130-OPMG |
Mirror Background, Green Characters
|
P-tec Corporation
|
TEF7018 |
Scalable advanced background receiver
|
NXP
|
IE-70000-MC-NW-A |
External in-circuit emulator for micro-computer with on-chip debug unit
|
NEC
|
R5F213M8KNNP R5F213M8KNXXXNP R5F213MCKNNP R5F213MC |
The R8C/3MK Group has data flash (1 KB × 4 blocks) with the background operation (BGO)
|
Renesas Electronics Corporation
|
ATMEGA32 ATMEGA32L |
32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation.
|
Atmel
|
ATMEGA128 ATMEGA128L |
128-Kbyte self-programming Flash Program Memory, 4-Kbyte SRAM, 4-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 128-Kbyte self-programming Flash Program Memory, 4-Kbyte SRAM, 4-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 Mhz. 3 Volt Operation.
|
Atmel
|
LCM-S10404DSF-Y1P |
4.99mm CHARACTER HEIGHT, 104 x 4 CHARACTER LCD MODULE, TOP VIEW, STN, YELLOW-GREEN BACKGROUND
|
LUMEX INC.
|
PE300511-2 PE300511-1 PE300511-3 |
CABLE ASSEMBLY ST SINGLE MODE TO SC SINGLE MODE & MULTI MODE,MODE CABLE ASSEMBLY ST SINGLE MODE TO SC SINGLE MODE & MULTI MODE ,MODE CONDITIONING CABLE ASSEMBLY ST SINGLE MODE TO SC SINGEL MODE &MULTI MODE MODE CONDITIONING
|
Pasternack Enterprises, Inc.
|
UPD23C64040JLGX-XXX UPD23C64080JLGY-XXX-MKH |
64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE 6400位掩膜可编程ROM00万字位(字节模式 4分字6位(字模式)页面访问模式
|
http:// NEC, Corp. NEC Corp.
|