PART |
Description |
Maker |
ISL9205IRZ-T |
Li-ion Battery Charger; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC16
|
Intersil, Corp.
|
794077-2 177898-6 177898-1 1-1586038-4 1-794221-0 |
AMP Soft Shell Pin and Socket Connectors VAL–U–LOK Series Connector System .163" Centerline, 600 V, 9.5 A max. VAL-U-LOK Series Connector System; 14P VRT HDR VAL-U-LOK V0 ( AMP ) Power Double-Lock Connectors; POWER DBL LOCK PLUG HSG 2P ( AMP )
|
Tyco Electronics
|
LT1800 LT1800CS5 LT1800CS8 LT1800IS5 LT1800IS8 180 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 4000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 From old datasheet system 80MHz, 25V/us Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz/ 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp. LINER[Linear Technology] Linear Technology Corporation
|
X9119TV14-2.7T1 |
Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R
|
INTERSIL CORP
|
MIC918 MIC918BC5 MIC918BM5 |
51MHz Low-Power SOT-23-5/SC-70 Op Amp 51MHz低功耗运算放大器SOT-23-5/SC-70 51MHz Low-Power SOT-23-5/SC-70 Op Amp OP-AMP, 5000 uV OFFSET-MAX, 45 MHz BAND WIDTH, PDSO5
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc.
|
X9258US24I-2.7T1 X9258TS24I-2.7T1 X9258TV24I |
Low Noise, Low Power, 2-Wire Bus, 256 Taps Quad Digital Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-SOIC T&R Quad Digital Controlled Potentiometers(XDCP?
|
INTERSIL CORP Intersil Corporation
|
LTC2925CUFTRPBF |
Multiple Power Supply Tracking Controller with Power Good Timeout; Package: QFN; No of Pins: 24; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC24
|
Linear Technology, Corp.
|
ADM12914-2ARQZ-RL7 ADM12914-1ARQZ |
±0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor; Package: 16-QSOP (150mil); Temperature Range: -40°C to 125°C 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LTC4212CMSPBF |
Hot Swap Controller with Power-Up Timeout; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10
|
Linear Technology, Corp.
|
LTC3553EPDTRPBF LTC3553EPDPBF |
Micropower USB Power Manager With Li-Ion Charger, LDO and Buck Regulator, FHST 20-Lead (3mm × 3mm) Plastic UTQFN –40°C to 85°C, Tape and Reel 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC20 Micropower USB Power Manager With Li-Ion Charger, LDO and Buck Regulator, FHST 20-Lead (3mm × 3mm) Plastic UTQFN –40°C to 85°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC20
|
Linear Technology, Corp.
|