PART |
Description |
Maker |
LT1806 LT1806CS8 LT1806IS8 1806I |
325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp OP-AMP, 900 uV OFFSET-MAX, 290 MHz BAND WIDTH, PDSO8 325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion Low Noise Precision Op Amp From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
HLMP-UL07 HLMP-UL14 HLMP-UG06 HLMP-UH06 HLMP-DL08 |
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps High-Speed Fully Differential Amplifier, /-5 V 8-MSOP-PowerPAD -40 to 85 High-Speed Fully Differential Amplifier, /-5 V 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SON -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SOIC -40 to 85 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP-PowerPAD -40 to 85 Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 35V; Case Size: 10x31.5 mm; Packaging: Bulk Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-SOIC -40 to 85
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
AD8652ARZ-REEL7 AD8651ARMZ-R2 AD8651ARMZ-REEL AD86 |
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
|
Analog Devices
|
AMP03 AD8270 AD8274 AD8274ARZ AD8274ARZ-RL AD8274A |
Very Low Distortion, Precision Difference Amplifier
|
Aavid Thermalloy, LLC
|
AD7541ATD AD7541AKCWN |
325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit Digital-to-Analog Converter 12位数字到模拟转换
|
Analog Devices, Inc.
|
LT1993CUD-2TRPBF LT1993CUD-2PBF LT1993-2 |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
|
Linear Technology, Corp.
|
LT1993IUD-4 LT1993CUD-4 LT1993CUD-4TRPBF |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
|
Linear Technology, Corp.
|
LT1810 LT1806 LT1807 |
325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps Dual 325MHz, Rail-to-Rail Input and Output, Low DistortionPrecision Op Amp
|
Linear Technology
|
27C512A-90/J 27C512A-90/K 27C512A-70/J 27C512A-70/ |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps 500MHz, Low-Power Op Amps 250MHz, Broadcast-Quality, Low-Power Video Op Amps Evaluation Kit for the MAX4104, MAX4105, MAX4304, MAX4305 Micropower, SOT23, Rail-to-Rail, Fixed-Gain GainAmp Open-Loop GainAmps Op Amps 400MHz, Ultra-Low-Distortion Op Amps x8 EPROM x8存储 330MHz Buffered Video Switches Crosspoint Building Blocks x8存储 350MHz, Ultra-Low-Noise Op Amps x8存储 Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers x8存储
|
Integrated Device Technology, Inc.
|
AD8099ARDZ-REEL7 AD8099 AD8099ACP-R2 AD8099ACP-REE |
Unprecedented Low Noise and Low Distortion High Speed Op-Amp Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
|
AD[Analog Devices]
|
KH561AM KH561 KH561AI |
Wideband/ Low Distortion Driver Amplifier Wideband, Low Distortion Driver Amplifier From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
KH560 |
Wideband/ Low Distortion Driver Amplifier Wideband, Low Distortion Driver Amplifier From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|