PART |
Description |
Maker |
MP3394S MP3394SGY MP3394SGS MP3394SGF |
Step-Up, 4-String Max 200mA/String White LED Driver
|
Monolithic Power Systems
|
MAX8790 MAX8790ETP |
Six-String White LED Driver with Active Current Balancing for LCD Panel Applications The MAX8790 is a high-efficiency driver for white-light-emitting diodes (LEDs). It is designed for l
|
Maxim Integrated Products
|
ADD5205ACPZ-RL XFL4020-332ML LPS4012-472ML LPS4018 |
Four-String White LED Driver
|
Analog Devices
|
MP3388 MP3388DR |
50V, 8-String White LED Driver
|
Monolithic Power Systems Monolithic Power System...
|
MP3384EQ |
50V, 4-String White LED Driver
|
Monolithic Power Systems
|
BL9590 |
Six-String White LED Driver with Active Current
|
SHANGHAI BELLING CO., LTD.
|
EUP2589 |
12 String White LED Driver With Boost Controller
|
Eutech Microelectronics Inc
|
LT3598EFEPBF LT3598EFETRPBF LT3598EUFTRPBF |
6-String 30mA LED Driver with ±1.5% Current Matching
|
Linear Technology
|
LT3466-1 LT3466EDD-1 LBRX LT3466EDD-1TR |
White LED Driver and Boost Converter in 3mm x 3mm DFN Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C White LED Driver and Boost Converter in 3mm × 3mm DFN Package White LED Driver and Boost Converter in 3mm ? 3mm DFN Package
|
LINEAR TECHNOLOGY CORP
|
NCP5604 NCP5604AMTR2G NCP5604BMTR2G NCP5604B NCP56 |
3- or 4-output current mode Charge Pump LED driver HIGH EFFICIENCY WHITE LED DRIVER
|
ONSEMI[ON Semiconductor]
|