PART |
Description |
Maker |
BT134W BT134W-500 BT134W-500F BT134W-500G BT134W-6 |
5541231100 WITH 5650211 RoHS Compliant: Yes 600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC Triacs 800 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC 5541231100 WITH 5650411 RoHS Compliant: Yes Transient Voltage Suppressor Diodes Triacs logic level Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
FT0607DH00TU FT0607MH00TU |
400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 600 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
934057057135 568-2195-2 Z0107MN/T3 Z0107MN11 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
934057063135 568-2198-2 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
934057053135 568-2193-2 Z0103MN/T3 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0107MA0 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0103NN |
Logic level four-quadrant triac
|
NXP Semiconductors
|
CQ223-4NTR13LEADFREE |
800 V, 4 QUADRANT LOGIC LEVEL TRIAC
|
CENTRAL SEMICONDUCTOR CORP
|
Z0103DN5AA4 Z0109DN |
400 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
STMICROELECTRONICS
|