PART |
Description |
Maker |
BT136M BT136M-500E BT136M-600E BT136M-800E BT136S- |
Transient Voltage Suppressor Diodes 双向敏感 Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE: ZENER 5.6V DUAL COMMON ANODE Triacs sensitive gate
|
NXP Semiconductors N.V. Philips Semiconductors
|
BTA204M-800F BTA204M-500D BTA204M-500E BTA204M-500 |
Three quadrant triacs guaranteed commutation 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation 500 V, 4 A, TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Transient Voltage Suppressor Diodes From old datasheet system TRIAC|800V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|500V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|600V V(DRM)|4A I(T)RMS|SOT-428
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
Z0103NA5AL2 STMICROELECTRONICS-Z0103NA1AA2 Z0107MA |
800 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
STMICROELECTRONICS
|
934057062116 934057062126 934057062412 Z0109NA11 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0107MAT/R 934057056116 934057056412 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
934057057135 568-2195-2 Z0107MN/T3 Z0107MN11 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
934057063135 568-2198-2 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
934057053135 568-2193-2 Z0103MN/T3 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0107MA0 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0103MA |
Logic level four-quadrant triac
|
NXP Semiconductors
|
LK006R656 L6006L356 |
4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
|
Z0103DN5AA4 Z0109DN |
400 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
STMICROELECTRONICS
|