PART |
Description |
Maker |
BTB16-600CW3G BTB16-800CW3G |
600V 16 A, 35mA Igt 3 Quadrant Triac 600 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 800V 16 A, 35mA Igt 3 Quadrant Triac 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
ON Semiconductor
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CQ220-12B CQ220-12D CQ220-12M CQ220-12N |
Leaded Thyristor TRIAC 12 AMP TRIAC 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 12 AMP TRIAC 400 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 12 AMP TRIAC 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
CQ220I-16B CQ220I-16M CQ220I-16N CQ220I-16D |
ISOLATED RAB TRIAC 16 AMP 600 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
Z0103NA5AL2 STMICROELECTRONICS-Z0103NA1AA2 Z0107MA |
800 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
STMICROELECTRONICS
|
FT0607DH00TU FT0607MH00TU |
400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 600 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
|
BTA201W08 BTA201W-600E BTA201W-800E |
1 A Three-quadrant triacs high commutation Logic level three-quadrant triac BTA201W-600E<SOT223 (SC-73)|<<http://www.nxp.com/packages/SOT223.html<1<Always Pb-free,; Logic level three-quadrant triac BTA201W-800E<SOT223 (SOT223)|<<http://www.nxp.com/packages/SOT223.html<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
Z0107NN0 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
934057063135 568-2198-2 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
LK006R656 L6006L356 |
4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
|
|