PART |
Description |
Maker |
STP55NF03L STB55NF03L-1 |
N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET⑩ II POWER MOSFET N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET II POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
HUFA76432S3S HUFA76432P3 HUFA76432S3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 55A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 55A条(丁)|63AB 55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
|
Intersil, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDD6680AS FDD6680AS08 |
30V N-Channel PowerTrench? SyncFET?/a> 30V N-Channel PowerTrench垄莽 SyncFET垄芒 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
FDS887607 FDS8876 |
N-Channel PowerTrench? MOSFET 30V, 12.5A, 8.2mΩ N-Channel PowerTrench庐 MOSFET 30V, 12.5A, 8.2m惟 N-Channel PowerTrench㈢ MOSFET 30V, 12.5A, 8.2mヘ
|
Fairchild Semiconductor
|
FDD6N20TM |
N-Channel UniFETTM MOSFET 200V, 4.55A, 800m
|
Fairchild Semiconductor
|
STGW50NC60W |
Ultra fast "W" series N-channel 600V - 55A - TO-247
|
ST Microelectronics STMicroelectronics
|
STB55NE06 |
N-CHANNEL 60V - 0.19 OHM - 55A D2PAK STRIPFET POWER MOSFET
|
ST Microelectronics
|
FDS6299S07 |
30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
FQPF95N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 57A I(D) | TO-220F 30V LOGIC N-Channel MOSFET 57 A, 30 V, 0.0115 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|