PART |
Description |
Maker |
79RC32364 79RC32V364100DA 79RC32V364100DAI 79RC32V |
RISController Embedded 32-bit Microprocessor, based on RISCore32300 RISControllerTM Embedded 32-bit Microprocessor RC32364 Advanced 32-Bit RISC Embedded Microprocessor
|
http:// IDT[Integrated Device Technology]
|
MB86933H |
32-Bit RISC Embedded Processor
|
Fujitsu
|
POWERPC403GCX |
32-Bit RISC Embedded Controller(32位精简指令集嵌入式控制
|
IBM Microeletronics
|
AT43USB326-AC AT43USB326-AU |
Multimedia USB Keyboard Controller with Embedded Hub 8-BIT, MROM, 12 MHz, RISC MICROCONTROLLER, PQFP48 Multimedia USB Keyboard Controller with Embedded Hub 多媒体USB键盘控制器的嵌入式集线器
|
Atmel Corp. Atmel, Corp.
|
PIC18F248-E/L PIC18F448-E/L PIC18LF248-E/L PIC18LF |
28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module 8-BIT, FLASH, 25 MHz, RISC MICROCONTROLLER, PDSO28 0.300 INCH, PLASTIC, MS-013, SOIC-28 8-BIT, FLASH, 40 MHz, RISC MICROCONTROLLER, PQFP44 8-BIT, FLASH, 40 MHz, RISC MICROCONTROLLER, PDIP40
|
Microchip Technology Maxim Integrated Products, Inc.
|
ATMEGA644PA-PU ATMEGA164PA-MU ATMEGA164PA-MUR ATME |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP40 0.600 INCH, GREEN, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ACB, TQFP-44 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PBGA49 5 X 5 MM, 1 MM HEIGHT, 0.65 MM PITCH, GREEN, VFBGA-49 MCU AVR 32KB FLASH 40PDIP 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP40
|
Atmel, Corp.
|
UPD70F3134AF1-EN4 UPD70F3134AYF1-EN4 UPD70F3134AF1 |
32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PBGA161 13 X 13 MM, PLASTIC, FBGA-161 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PBGA161 20 X 20 MM, LEAD FREE, PLASTIC, LQFP-144 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP144 32-BIT, MROM, 80 MHz, RISC MICROCONTROLLER, PBGA161
|
NEC, Corp.
|
PIC16C620-20I/SO PIC16C621-04E/P PIC16C620AT-20C/S |
8-BIT, OTPROM, 20 MHz, RISC MICROCONTROLLER, PDSO18 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDIP18 8-BIT, OTPROM, 20 MHz, RISC MICROCONTROLLER, PDSO20 EPROM-Based 8-Bit CMOS Microcontrollers
|
Microchip Technology
|
UC-7112 |
RISC ready-to-run embedded computers
|
Moxa
|
ATMEGA48PA-CCU ATMEGA48PA-CCUR ATMEGA168PA-MU ATME |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PBGA32 4 X 4 MM, 0.60 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, UFBGA-32 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC32 5 X 5 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VHHD-2, MLF-32 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQFP32 7 X 7 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ABA, TQFP-32 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP28 0.300 INCH, GREEN, PLASTIC, DIP-28 MCU AVR 8K ISP FLASH MEM 28-DIP 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP28
|
Atmel, Corp. ATMEL CORP
|
|