PART |
Description |
Maker |
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-XXXXEH52 P8SG-0505EH52 P8SG-1205EH52 P8SG-121 |
Input voltage:24V, output voltage 7.2V (200mA), 5.2KV isolated 1.5W regulated single output 5.2 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 5.2千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
AFL5003.3SX/CH AFL5003.3SW/ES AFL5003.3SY/CH AFL50 |
Single Cell to 3.3V Regulated Charge Pump DC/DC Converter High Efficiency Inductorless Step-Down DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Analog IC 模拟IC Single Cell to 3.3V Regulated Charge Pump DC/DC Converter 模拟IC
|
DB Lectro, Inc. Air Cost Control Amphenol, Corp.
|
P6CG-124R8E P6CG-054R8E P6CG-244R8E P6CG-0512E P6C |
Input voltage:12V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 3.3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output
|
PEAK electronics
|
NSD05-12S12 NSD05-12S15 NSD05-12S3 NSD05-12S5 NSD0 |
5W DC-DC Regulated Single Output
|
Mean Well Enterprises Co., Ltd.
|
URF2415LP-20W URF2424LP-20W |
REGULATED SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
SCW05-SPEC SCW05A-05 SCW05A-09 SCW05A-12 SCW05A-15 |
5W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd.
|
SPA02A-05 SPA02A-12 SPA02A-15 |
2W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd.
|
RV1-1224S10A1 RV1-1224D10A1 RV1-2403S10A1 RV1-2403 |
10 Watt regulated single & dual output
|
RSG Electronic Components GmbH RSG Electronic Componen...
|
RR7-2403D05AX RR7-2403S05AX RR7-2405D05AX RR7-2405 |
5 Watt 4:1 regulated single & dual output
|
RSG Electronic Componen...
|