PART |
Description |
Maker |
MV5437 |
3 LEADS BICOLOR T-1 3/4 SOLID STATE LAMPS T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY GREEN/HIGH EFFICIENCY RED, 5 mm
|
QT[QT Optoelectronics]
|
SP6652ER SP6652_07 SP6652 SP6652ER_TR SP6652ER-L S |
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator High Efficiency Synchronous Step-Down Converter
|
SIPEX[Sipex Corporation]
|
41PCT170T4-R/G/G/G |
T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDTRONICS INC
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CFWM455E CFWM455EY CFU455E2 CFUCG455E CFUCG455EX C |
CERAMIC FILTERS 陶瓷过滤 Multi-Color LED; Bulb Size:3mm; LED Color:High Efficiency Green; Luminous Intensity:4ucd; Viewing Angle:40 ; Forward Current:10mA; Forward Voltage:4V; Operating Temperature Range:-55 C to 100 C; Color:High Efficiency Green RoHS Compliant: No
|
Kingbright, Corp. Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers Golledge
|
5962-8752805SX 5962-8752804RX 5962-8752804SX 5962- |
10µA, Low-Dropout, Precision Voltage Reference Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown 500kHz Multi-Output Power-Supply Controllers with High Impedance in Shutdown TFT-LCD Step-Up DC-DC Converter 保险丝,可编程的PLD
|
Vishay Intertechnology, Inc.
|
LTC3642IDD-5PBF LTC3642EDD-3.3TRPBF LTC3642IDD-3.3 |
High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-DFN; Temperature Range: -40 to 125C 0.05 A SWITCHING REGULATOR, PDSO8 High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-DFN; Temperature Range: -40 to 125C; Container: Tape and Reel 0.05 A SWITCHING REGULATOR, PDSO8 High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-MSOP; Temperature Range: -40 to 125C; Container: Tape and Reel 0.05 A SWITCHING REGULATOR, PDSO8
|
Linear Technology, Corp.
|
XC9536XL-1 XC9536XL-5 XC9536XL-7 XC9536XL-10VQ64I |
XC9536XL High PerformanceCPLD DC-DC Converter; Supply Voltage:3.65V; Output Voltage:2.5V; Number of Outputs:1; Power Rating:15W; Mounting Type:PC Board; Efficiency:94%; Leaded Process Compatible:No; Output Current:6A; Peak Reflow Compatible (260 C):No T1/E1 Transformer FLASH PLD, 10 ns, PQFP44 XC9536XL High PerformanceCPLD FLASH PLD, 10 ns, PQFP64 XC9536XL High PerformanceCPLD FLASH PLD, 4 ns, PQFP64 XC9536XL High PerformanceCPLD FLASH PLD, 4 ns, PQCC44 XC9536XL High PerformanceCPLD FLASH PLD, 10 ns, PBGA48 XC9536XL High PerformanceCPLD FLASH PLD, 10 ns, PQCC44 XC9536XL High PerformanceCPLD FLASH PLD, 7.5 ns, PQCC44
|
Xilinx, Inc. XILINX INC
|
LD7126 LD7126SERIES |
DBS-Band, 2.0KW/2.4KW Klystrons for Communications 17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN 17 GHz BAND / 2.0 kW/2.4 kW / HIGH EFFICIENCY / HIGH POWER GAIN
|
NEC[NEC] NEC Corp.
|
SP829EK SP828 SP828EK SP829 |
High Efficiency Voltage Inverters
|
SIPEX[Sipex Corporation]
|
BUL76A |
POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
|
TT electronics Semelab Limited Seme LAB
|