PART |
Description |
Maker |
LT1615 LT1615-1 LT1615ES5 LT1615ES5-1 |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter Micropower Step-Up DC/DC Convertersin SOT-23 0.4 A SWITCHING REGULATOR, PDSO5 Micropower Step-Up DC/DC Convertersin SOT-23 微功率升压直直流Convertersin的SOT - 23
|
http:// LINER[Linear Technology] Linear Technology, Corp.
|
ADP3000AN ADP3000AN-12 ADP3000AN-33 ADP3000AN-5 AD |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
AD[Analog Devices]
|
LTC3801BES6 LTC38011 LTC3801BES6PBF LTC3801BES6TR |
Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 1 A SWITCHING CONTROLLER, 650 kHz SWITCHING FREQ-MAX, PDSO6 Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AS1322A-BTTT AS1322B |
Low Voltage, Micropower, DC-DC Step-Up Converters
|
ams AG
|
LT1934EDCBTRMPBF LT1934EDCBTRPBF LT1934EDCB-1PBF L |
Micropower Step-Down Switching Regulators in ThinSOT
|
Linear Technology
|
LT8612 |
42V, 6A Micropower Synchronous Step-Down Regulator
|
Linear Technology
|
AS13221 |
Low Voltage, Micropower, DC-DC Step-Up Converters
|
austriamicrosystems AG
|
AT1303 AT1303M AT1303MGRE AT1303MPBF AT1303PGRE AT |
MICROPOWER STEP UP DC/DC CONVERTER 微功率降压型DC / DC转换
|
Aimtron Technology Corp. ETC AIMTRON[Aimtron Technology] Electronic Theatre Controls, Inc.
|
T491C106K016AS NCP1402SN19T1 NCP1402SN27T1 NCP1402 |
200 mA PFM Step-Up Micropower Switching Regulator 200 mA, PFM Step-Up Micropower Switching Regulator
|
ONSEMI[ON Semiconductor]
|
LT8640 |
42V, 5A Micropower Synchronous Step-Down Silent Switcher
|
Linear Technology
|
AAT1217ICA-1.2-T1 AAT1217ICA-3.3-T1 AAT1217ICA-5.0 |
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
|
Advanced Analogic Techn... Advanced Analogic Technologies
|