PART |
Description |
Maker |
IP3R17AK-05 IP3R17AK-12 IP3R17AK-15 IP1R1705-G IP1 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No 3 AMP FIXED NEGATIVE VOLTAGE REGULATORS 5 V FIXED NEGATIVE REGULATOR, MBFM2 GIGATRUE 550 CAT PATCH CABLE NO BOOT 7FT BEIGE 12 V FIXED NEGATIVE REGULATOR, MBFM2 3 AMP Fixed Negative Voltage Regulator(3 A 12V负稳压器) Analog IC Negative Fixed Voltage Regulator 负固定电压稳压器
|
SEMELAB LTD TT electronics Semelab, Ltd. Semelab(Magnatec) TT electronics Semelab Limited SEME-LAB[Seme LAB] NXP Semiconductors N.V.
|
42051 42051-055 42051-065 42051-075 42051-085 4205 |
14V DC; 5A; fixed three terminal negative voltage regulator. Military and Hi Rel industrial applications where hermetically sealed product is required XTAL MTL T/H HC49/US 5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS 18 V FIXED NEGATIVE REGULATOR, MBFM2 XTAL MTL T/H HC49/U 10 V FIXED NEGATIVE REGULATOR, MBFM2 5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS 22 V FIXED NEGATIVE REGULATOR, MBFM2 XTAL MTL T/H HC49/U 6 V FIXED NEGATIVE REGULATOR, MBFM2
|
MICROPAC[Micropac Industries] Micropac Industries, Inc.
|
OM7634NM OM7633NM OM7632NM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS
|
International Rectifier ETC List of Unclassifed Manufacturers
|
IP1R1905-K IP1R1905-V IP1R19-15 IP3R19-15 IP3R19V- |
Voltage Regulator 12 V FIXED NEGATIVE REGULATOR, MBFM2 JT 79C 79#22D SKT PLUG 5 V FIXED NEGATIVE REGULATOR, MBFM2 SCREW LOCKS FEMALE 5安培固定负电压调节器 5 AMP FIXED NEGATIVE VOLTAGE REGULATORS 5安培固定负电压调节器 5 AMP FIXED NEGATIVE VOLTAGE REGULATORS 5 V FIXED NEGATIVE REGULATOR, MBFM2 Circular Connector; No. of Contacts:79; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No CISCO CONSOLE KIT Thick Film Resistor; Series:CRCW; Resistance:649ohm; Resistance Tolerance: /- 1 %; Power Rating:0.125W; Voltage Rating:150V; Temperature Coefficient: /-100 ppm; Package/Case:0805; Leaded Process Compatible:No
|
SEMELAB LTD TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
OM2990STM 5962-9571001MUA 5962-9571002MUA 5962-957 |
Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages 15 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, CQCC20 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 高可靠性的固定电压低压差三端负稳压 Hi-Rel Fixed Voltage Low Dropout 3-Terminal Negative Regulator 高可靠性的固定电压低压差三端负稳压 15 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257AA, 3 PIN SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages 三端,固定电压,低压差负电压稳压器在气密封装 Three terminal, fixed voltage, negative voltage regulator
|
Amphenol, Corp. Sony, Corp. International Rectifier, Corp. Kontron AG IRF[International Rectifier] Omnirel
|
MC79L12ABDG MC79L12ABDR2 MC79L12ABPRA MC79L12ABPRA |
100 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, PDSO8 100 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, PBCY3 100 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, BCY3 100 mA Negative Voltage Regulators 5 V FIXED NEGATIVE REGULATOR, PDSO8
|
ON Semiconductor
|
OM7915SM OM7905SM OM7912SM |
SURFACE MOUNT NEGATIVE FIXED VOLTAGE REGULATOR Hi-Rel Fixed Voltage 3-Terminal Negative Regulator
|
List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
42117-018 42117-015 42117-024 42117-030 42117 4211 |
NEGATIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MSFM3 ** MISC CRYSTALS **
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
SG120A-05IG SG120A-18IG SG120A-08IG SG120A-15IG |
Negative Fixed Linear Voltage Regulators; Package: TO-257_(Hermetic); VDIFF (V): 35; IOUT (A): 1.5; 5 V FIXED NEGATIVE REGULATOR, MSFM3 Negative Fixed Linear Voltage Regulators; Package: TO-257_(Hermetic); VDIFF (V): 35; IOUT (A): 1.5; 18 V FIXED NEGATIVE REGULATOR, MSFM3 Negative Fixed Linear Voltage Regulators; Package: TO-257_(Hermetic); VDIFF (V): 35; IOUT (A): 1.5; 8 V FIXED NEGATIVE REGULATOR, MSFM3
|
Microsemi, Corp. MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
ML7908A ML7905A ML7905FA ML7906A ML7906FA ML7915A |
24 V FIXED NEGATIVE REGULATOR, PSFM3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
|
MICRO-ELECTRONICS[Micro Electronics]
|
OM3909SC OM3901SC OM3902SC OM3903SC OM3904SC OM390 |
Hi-Rel Fixed Voltage Dual Regulator DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 高可靠性的固定电压双调 Dual Output Voltages, 1.5 Amp Fixed Voltage Regulators(双输出电( 15V,-12V) 1.5A固定稳压 双输出电压,1.5安培固定稳压器(双输出电压(15V的,- 12V的)1.5A的固定稳压器
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers International Rectifier, Corp.
|
LT1175 LT1175C LT1175CN8 LT1175CN8-5 LT1175CQ LT11 |
Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDIP8 500mA Negative Low Dropout Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|