PART |
Description |
Maker |
ISL9011IRLLZ ISL9011IRLBZ ISL9011IRKNZ ISL9011IRKK |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Low IQ, and High PSRR 双路LDO稳压器具有低噪音,低智商,及高PSRR CAC 7C 7#16S SKT PLUG Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Body Diameter:10mm; Capacitance:470uF RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL9000AMRNCEP |
Dual LDO with Low Noise, Very High PSRR and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ILC7084AIM5ADJX ILC7083 ILC7083AIK30X ILC7083AIKAD |
RES 2.1K-OHM 5% 0.125W 200PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA 2.5 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 JT 32C 32#20 SKT PLUG 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 150mA SOT-23 Low Noise CMOS RF-LDO?/a> Regulator 150mA SOT-23 Low Noise CMOS RF-LDO Regulator 150mA SOT-23 Low Noise CMOS RF-LDO⑩ Regulator 150mA SOT-23 Ultra Low Noise CMOS RF-LDO
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MIC5253 MIC5253-1.85BC5 MIC5253-1.8BC5 MIC5253-2.6 |
100mA Low Noise µCap Teeny LDO 100mA Low Noise UCap Teeny LDO 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
PL2211-33VZ PL2211 PL2211-15UZ PL2211-15VZ PL2211- |
300mA Low Noise Dual LDO
|
Power IC Ltd. ETC[ETC]
|
P6KE200 P6KE7.5 P6KE440A P6KE82 P6KE33 P6KE68C P6K |
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 硅雪崩二极管-硅雪崩二极管 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Silicon Avalanche Diodes - Silicon Avalanche Diodes 硅雪崩二极管-硅雪崩二极管 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
ISL78302A ISL78302AARBJZ ISL78302AARGCZ ISL78302AA |
Dual LDO with Low Noise, Very High PSRR and Low IQ
|
Renesas Electronics Corporation
|
ISL9000AIRNNZ ISL9000AIRNJZ ISL9000AIRNFZ ISL9000A |
Dual LDO with Low Noise, Very High PSRR, and Low IQ
|
INTERSIL[Intersil Corporation]
|
ISL9014IRKKZ |
Dual LDO with Low Noise, Low IQ and High PSRR
|
Renesas Electronics Corporation
|
ISL9011IRKKZ |
Dual LDO with Low Noise, Low IQ and High PSRR
|
Renesas Electronics Corporation
|