PART |
Description |
Maker |
EDI8C32512CA20EQ EDI8C32512CA20EI EDI8C32512CA20EM |
270MHz Ultra-Accurate Amplifiers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 14-HTSSOP T&R 500MHz Low Power Current Feedback Amplifier; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 18-Channel TFT-LCD Reference Voltage Generator; Temperature Range: -40°C to 85°C; Package: 38-HTSSOP T&R Multi-Channel Buffer; Temperature Range: -40°C to 85°C; Package: 16-TSSOP T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 28-HTSSOP T&R X32号的SRAM模块
|
Microchip Technology, Inc.
|
MAX1512ETA |
EEPROM-Programmable TFT VCOM Calibrator
|
MAXIM - Dallas Semiconductor
|
ISL45041 ISL45041EVAL1 ISL45041IRZ ISL45041IRZ-T |
TFT-LCD I2C Programmable VCOM Calibrator
|
Intersil Corporation
|
ISL24202 ISL24202IRTZ ISL24202IRTZ-EVALZ |
Programmable VCOM Calibrator with EEPROM SPECIALTY ANALOG CIRCUIT, PDSO8
|
Intersil Corporation
|
BUF16821 |
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
|
EPCOS
|
ISL24212IRTZ ISL24212IRTZ-EVALZ |
Programmable VCOM Calibrator with EEPROM and Output Buffer SPECIALTY ANALOG CIRCUIT, PDSO10
|
Intersil Corporation
|
MAX17135 |
Multi-Output DC-DC Power Supply with VCOM Amplifier and Temperature Sensor for E-Paper Applications
|
Maxim Integrated Products
|
TC620CVOA TC620 TC621 TC621XEPA TC620XCOA TC620XCP |
5V, dual trip point temperature sensors, low true control output (TC620 / TC621) Dual Trip Point Temperature Sensors The TC620 and TC621 are programmable logic output temperature detectors designed for use in thermal management applications. The TC620 features an on-board temperature sensor, while the TC621 connects to an external NTC thermistor for remo
|
MICROCHIP[Microchip Technology]
|
EE3700 EE3600 EE5700 EE5500 EE1100 |
3.2 Microsecond Sample and Hold Amplifiers; Temperature Range: 0°C to 70°C; Package: 14-CerDIP 3.2 Microsecond Sample and Hold Amplifiers; Temperature Range: -55°C to 125°C; Package: 14-CerDIP 1 Microsecond Precision Sample and Hold Amplifier; Temperature Range: 0°C to 70°C; Package: 14-CerDIP Low Noise, High Performance, Quad Operational Amplifier; Temperature Range: -55°C to 125°C; Package: 14-CerDIP 模拟IC 100MHz 100mA VCOM Amplifiers; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 模拟IC
|
Intel, Corp. Samtec, Inc.
|
G705 |
Resistor-Programmable SOT Temperature Switches
|
Global Mixed-mode Techn...
|