PART |
Description |
Maker |
5501 5502 |
Frequency-to-Voltage Converter Voltage-to-Frequency Converter 500 kHz Bandwitch Analog Data Link Modulator / Demodulator
|
Dynamic Measurements Corp.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
TC1321 TC1321EUA TC1321EOA TC1321EOATR TC1321EUATR |
The TC1321 is a serially accessible 10-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1321 is a serially accessible 10-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply tha 10-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
LXR1240-6M1 LXR1701-6 LXR1740-6M1 LXN1240-6M1 LXR- |
460 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(16.9A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(12.6A) AC/DC converter 460 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(8.4A) AC/DC converter 375 and 500 Watt AC-DC Converters 37500瓦AC - DC转换 375 Watt, input voltage range:85-264/90-350V, output voltage 49.4V,(7.5A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(6.3A) AC/DC converter
|
Vishay Intertechnology, Inc. POWER-ONE[Power-One] http://
|
ADM660ARZ-REEL ADM660ARUZ-REEL ADM660ARUZ-REEL7 AD |
CMOS Switched-Capacitor Voltage Converter; Package: SOIC; No of Pins: 8; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO8 CMOS Switched-Capacitor Voltage Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO16 CMOS Switched-Capacitor Voltage Converter w/ Low Power Shutdown Pin SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDIP8 CMOS Switched-Capacitor Voltage Converters
|
Analog Devices, Inc.
|
ADVFC32KNZ ADVFC32 |
Low Cost Monolithic Voltage-to-Frequency (V/F) Converter Voltage-to-Frequency and Frequency-to-Voltage Converter
|
Analog Devices
|
TC96205 TC962MJA TC1047_06 TC962COE TC962CPA TC962 |
Precision Temperature-to-Voltage Converter High Current Charge Pump DC-to-DC Converter
|
MICROCHIP[Microchip Technology]
|
A7407 A7407E6R A7407E6VR |
DC-DC CONVERTER/ BUCK INPUT STANDOFF VOLTAGE STEP-DOWN CONVERTER
|
AIT Components Ltd.
|
MAX8686ETL NMA2412SC PXE3024S05 PAH200S48-12/V PAH |
Single/Multiphase, Step-Down, DC-DC Converter Delivers Up to 25A Per Phase DC-DC Converter; Supply Voltage:24V; Output Voltage:12V; Number of Outputs:2; Power Rating:1W; Mounting Type:PC Board; Isolation Voltage:1000V; Leaded Process Compatible:Yes; Output Current: 42mA; Output Current 2:-42mA RoHS Compliant: Yes DC-DC Converter; Supply Voltage:36V; Output Voltage:5V; Number of Outputs:1; Power Rating:30W; Mounting Type:PC Board; Series:PX; Approval Bodies:UL, CSA, CE; External Depth:2"; External Height:0.4"; External Width:1" DC-DC Converter; Supply Voltage:48V; Output Voltage:12V; Number of Outputs:1; Power Rating:200.4W; Mounting Type:PC Board; Series:PAH DC-DC Converter; Supply Voltage:48V; Output Voltage:24V; Number of Outputs:1; Power Rating:50.4W; Mounting Type:PC Board; Series:PAH; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
|
Maxim Integrated Products Fairchild Semiconductor, Corp.
|
P4KE11 P4KE10 P4KE100 P4KE100A P4KE20 P4KE20C P4KE |
Reverse stand-off voltage: 138.00V transient voltage suppressor 16-Bit, Ultralow Glitch, Voltage Output, Digital to Analog Converter 8-MSOP -40 to 105 Low Power, Rail-to-Rail Output, 16-Bit, Serial Input Digital-to-Analog Converter 8-MSOP -40 to 105 14-Bit, Single Channel, Parallel Interface, Multiplying Digital-to-Analog Converter 28-SSOP -40 to 85 Single Output LDO, 750mA, Fixed(2.5V), Fast Transient Response, SVS 8-SOIC -40 to 125 8-bit, Quad, Digital-to-Analog Converter with I<sup>2</sup>C interface 10-MSOP -40 to 85 400W瞬态BOLTAGE抑制 400W TRANSIENT BOLTAGE SUPPRESSORS 400W瞬态BOLTAGE抑制
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
BP5037 |
AC-to-DC Voltage Converter AC/DC Converter Unit(AC/DC转换器单
|
Rohm CO.,LTD.
|
LWR2880-6 |
250 Watt, input voltage range:85-264/90-350V, output voltage 49.4V,(2.5A) AC/DC converter
|
Power-One
|