PART |
Description |
Maker |
B44066D1450M440 |
Harmonic filter reactor
|
EPCOS
|
B44066D1450M400 |
Harmonic filter reactor
|
EPCOS
|
B44066D7025M400 |
Harmonic filter reactor
|
EPCOS
|
B44066D1499M441 |
Harmonic filter reactor
|
EPCOS
|
B44066D7050M440 |
Harmonic filter reactor
|
EPCOS
|
B44066D7075M441 |
Harmonic filter reactor
|
EPCOS
|
BALF-SPI-01D3 |
50Ω nominal input / conjugate match balun to SPIRIT1, with integrated harmonic filter
|
ST Microelectronics
|
BAL-CC25-01D3 |
50Ω nominal input / conjugate match balun to CC253x, CC254x, CC257x, CC852x, CC853x, with integrated harmonic filter
|
ST Microelectronics
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
Q67000-A8368-A205 Q67006-A8369-A703 TDA4862 |
Power Control ICs - Power Factor Correction (PFC) IC for Discontinuous Conduction Mode (DCM) ZENER - 5.1V, 5%, 1W, AXIAL 功率因数控制器功率因数校正集成电路高功率因数,有源谐波滤波器 Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter RECTIFIER STANDARD SINGLE 1A 1000V 1000 30A-ifsm 5uA-ir 1V-vf A405 5K/REEL-13
|
Infineon SIEMENS AG
|
CXP-237 XMZ-K1 XMZ-K2 XMZ-K3 CXP-337 CXP-437 |
MIXERS SUB-HARMONIC
|
SYNERGY MICROWAVE CORPORATION
|
HX7001 |
21-30 GHz Active Harmonic Mixer
|
HBH Microwave GmbH
|